Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6212 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6212
Description  50 Watt RF Load Up To 18 GHz With SMA Female Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6212 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6212 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6212 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Outline Drawing
50 Watt RF Load Up To 18 GHz With SMA Female Input Square Body Black Anodized Aluminum Heatsink from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up To 18 GHz With SMA Female Input Square Body Black Anodized Aluminum
Heatsink
PE6212
URL: http://www.pasternack.com/50-watts-sma-female-rf-load-up-to-18-ghz-pe6212-p.aspx
PE6212
PE6212 REV 1.1
50 Watt RF Load Up To 18 GHz With SMA Female Input
Square Body Black Anodized Aluminum Heatsink



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com