Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6212 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6212
Description  50 Watt RF Load Up To 18 GHz With SMA Female Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6212 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6212 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6212 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
VSWR
1.6:1
Input Power
50
Watts
Peak Power
500
Watts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 6
6 to 12.4
12.4 to 16
16 to 18
GHz
VSWR
1.3:1
1.45:1
1.6:1
1.8:1
.
Mechanical Specifications
Temperature
Operating Range
-65 to +125 deg C
.
Color
Black
Connector
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
PE6212
PE6212 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up To 18 GHz With SMA Female Input Square Body Black Anodized Alumi-
num Heatsink
PE6212
50 Watt RF Load Up To 18 GHz With SMA Female Input
Square Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6212

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
More results

Similar Description - PE6212

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR1000 PASTERNACK-PE6TR1000 Datasheet
343Kb / 3P
30 Watt RF Load Up To 4.2 GHz With SMA Female Input
PE6TR1002 PASTERNACK-PE6TR1002 Datasheet
345Kb / 3P
High Power 100 Watt RF Load Up To 6 GHz With SMA Female Input
PE6TR1003 PASTERNACK-PE6TR1003 Datasheet
344Kb / 3P
High Power 150 Watt RF Load Up To 3 GHz With SMA Female Input
PE6TR1001 PASTERNACK-PE6TR1001 Datasheet
344Kb / 3P
50 Watt RF Load Up To 6 GHz With SMA Female Input
PE6073 PASTERNACK-PE6073_16 Datasheet
420Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6083 PASTERNACK-PE6083 Datasheet
423Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6084 PASTERNACK-PE6084_16 Datasheet
423Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6096 PASTERNACK-PE6096_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
PE6103 PASTERNACK-PE6103_16 Datasheet
425Kb / 3P
10 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
PE6211 PASTERNACK-PE6211_15 Datasheet
376Kb / 2P
50 Watt RF Load Up To 18 GHz With SMA Male Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com