Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB-USB2517 Datasheet(PDF) 2 Page - SMSC Corporation

Part # EVB-USB2517
Description  Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EVB-USB2517 Datasheet(HTML) 2 Page - SMSC Corporation

  EVB-USB2517 Datasheet HTML 1Page - SMSC Corporation EVB-USB2517 Datasheet HTML 2Page - SMSC Corporation EVB-USB2517 Datasheet HTML 3Page - SMSC Corporation EVB-USB2517 Datasheet HTML 4Page - SMSC Corporation EVB-USB2517 Datasheet HTML 5Page - SMSC Corporation EVB-USB2517 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVB-USB2517 Evaluation Board User Manual (Revision A)
Revision 1.2 (1-7-09)
2
SMSC EVB-USB2517 Revision A
USER MANUAL
1 Overview
The SMSC USB2517 is a low-power, OEM configurable, hub controller IC with 7 downstream ports for
embedded USB solutions. The USB2517 is a USB 2.0-compliant MultiTRAK™ hub that supports low-
speed, full-speed, and hi-speed downstream devices. The EVB-USB2517 evaluation board
demonstrates a stand alone application for the hub with all of the features listed below. The SMSC
evaluation board demonstrates advanced power saving options and configurable port assignments.
1.1
Features
Low pin count: 64-pin QFN package
Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
Operates from a single voltage (+5.0 V, regulated) 'wall wart' external power supply
Low cost 4-layer design: two outer signal layers, power and ground inner layers
Self-powered operation
Multi-TT enabled
Supports internal default hub configuration (optional support configuration from external EEPROM)
Single onboard +3.3 V regulator
Single crystal clock source
Individual port over-current sensing
Individual port power control
Port OCS/port power control interface with LEDs for optional port power indication
Red LED indicator for Hi-Speed hub state
Standard USB amber/green LED indicators for operational state indication
EMI suppression provided by selection of capacitors and inner power/ground PCB layers
1.2
General Description
The EVB-USB2517 is a low-cost evaluation platform featuring the USB2517 7-port, low-power, hi-
speed USB 2.0 hub with MultiTRAK™ technology. The platform is designed to robustly demonstrate
the unique features of this device using a low-cost PCB implementation with individual port power
control. The EVB-USB2517 is designed with efficient power usage for the implementation of a hi-speed
USB hub with minimal bill-of-materials. Schematics, layout, and bill-of-materials are included to
minimize new product development time.
Revision A of the EVB-USB2517 features a four-layer printed circuit board to improve coupling
between power and ground layers to reduce EMI.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com