Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB-USB2517 Datasheet(PDF) 4 Page - SMSC Corporation

Part # EVB-USB2517
Description  Hi-Speed (480 Mbits/s), Full-Speed (12 Mbits/s), and Low-Speed (1.5 Mbits/s) compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EVB-USB2517 Datasheet(HTML) 4 Page - SMSC Corporation

  EVB-USB2517 Datasheet HTML 1Page - SMSC Corporation EVB-USB2517 Datasheet HTML 2Page - SMSC Corporation EVB-USB2517 Datasheet HTML 3Page - SMSC Corporation EVB-USB2517 Datasheet HTML 4Page - SMSC Corporation EVB-USB2517 Datasheet HTML 5Page - SMSC Corporation EVB-USB2517 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EVB-USB2517 Evaluation Board User Manual (Revision A)
Revision 1.2 (1-7-09)
4
SMSC EVB-USB2517 Revision A
USER MANUAL
2.1.6
Connector Description
The EVB-USB2517 has a set of standard USB style connectors:
One type B connector for the upstream port
Seven type A connectors for downstream ports
Power is supplied via a 2.0 mm power jack. Please refer to Table 2.1 for a list of the connectors. For
more details on the pinout of the connectors please refer to the schematics in Figure 2.1 and
Figure 2.2.
2.1.7
Layout Considerations
The EVB-USB2517 is a low-power, hi-speed USB 2.0 compliant hub on four PCB layers. Please refer
to Table 2.2 for a list of the PCB layer stackup. Differential signals from the USB2517 match the
upstream and downstream port placement to simplify the routing of critical signals.
The top layer of the component side is shown in Figure 2.1. The schematic includes silk screen
information to identify component locations.
Table 2.1 Connector Descriptions
CONNECTOR
TYPE
DESCRIPTION
J0
USB B
Upstream Port
J1
USB A
Downstream Port 1
J2
USB A
Downstream Port 2
J3
USB A
Downstream Port 3
J4
USB A
Downstream Port 4
J5
USB A
Downstream Port 5
J6
USB A
Downstream Port 6
J7
USB A
Downstream Port 7
J8
Power Jack 2.0 mm
+5 V Power Supply
Table 2.2 PCB Layer Stackup
COMPONENT SIDE
Solder mask
Layer 1
1.3 - 2.3 oz., finished
Pre-preg
4.0 - 4.5 mil FR-4
Layer 2
1.0 oz., nominal
Core
28 mil FR-4
Layer 3
1.0 oz., nominal
Pre-preg
4.0 - 4.5 mil FR-4
Layer 4
1.3 - 2.3 oz., finished
Solder mask
Solder Side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com