Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0481 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0481
Description  Reverse Polarity SMA Male to MCX Plug Right Angle Cable Using RG316 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0481 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0481 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0481 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0481 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0481 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
SMA Male Reverse Polarity
MCX Plug Right Angle
Specification
CECC 22220
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Gold
Brass, Gold
Contact Plating Specification
30µ in. minimum
Dielectric Type
PTFE
Teflon
Coupling Nut Material and Plating
Brass, Nickel
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
[ ]
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C0481 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Reverse Polarity SMA Male to MCX Plug Right Angle Cable Using RG316 Coax, RoHS
PE3C0481
RF Cable Assemblies Technical Data Sheet
PE3C0481
Reverse Polarity SMA Male to MCX Plug
Right Angle Cable Using RG316 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com