Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0481 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0481
Description  Reverse Polarity SMA Male to MCX Plug Right Angle Cable Using RG316 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0481 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0481 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0481 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0481 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0481 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male Reverse Polarity
• Connector 2: MCX Plug Right Angle
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Capacitance
32 [104.99]
pF/ft [pF/m]
.
Mechanical Specifications
Cable Assembly
Diameter
0.312 in [7.92 mm]
.
Weight
0.023 lbs [10.43 g]
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.098 in [2.49 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Reverse Polarity SMA Male to MCX Plug Right Angle Cable Using RG316 Coax, RoHS
PE3C0481
PE3C0481 REV 1.0
Reverse Polarity SMA Male to MCX Plug
Right Angle Cable Using RG316 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C0481


Similar Part No. - PE3C0481

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0481-12 PASTERNACK-PE3C0481-12 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 12 Inch Length Using RG316 Coax, RoHS
PE3C0481-24 PASTERNACK-PE3C0481-24 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 24 Inch Length Using RG316 Coax, RoHS
PE3C0481-36 PASTERNACK-PE3C0481-36 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 36 Inch Length Using RG316 Coax, RoHS
PE3C0481-48 PASTERNACK-PE3C0481-48 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 48 Inch Length Using RG316 Coax, RoHS
PE3C0481-60 PASTERNACK-PE3C0481-60 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 60 Inch Length Using RG316 Coax, RoHS
More results

Similar Description - PE3C0481

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34122LF PASTERNACK-PE34122LF Datasheet
666Kb / 4P
SMA Male to MMCX Plug Cable Using RG316 Coax, RoHS
PE3C0481-12 PASTERNACK-PE3C0481-12 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 12 Inch Length Using RG316 Coax, RoHS
PE3C0481-24 PASTERNACK-PE3C0481-24 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 24 Inch Length Using RG316 Coax, RoHS
PE3C0481-36 PASTERNACK-PE3C0481-36 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 36 Inch Length Using RG316 Coax, RoHS
PE3C0481-48 PASTERNACK-PE3C0481-48 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 48 Inch Length Using RG316 Coax, RoHS
PE3C0481-60 PASTERNACK-PE3C0481-60 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 60 Inch Length Using RG316 Coax, RoHS
PE3C0481-72 PASTERNACK-PE3C0481-72 Datasheet
711Kb / 4P
Reverse Polarity SMA Male to MCX Plug Right Angle Cable 72 Inch Length Using RG316 Coax, RoHS
PE3C3413 PASTERNACK-PE3C3413 Datasheet
369Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG316 Coax
PE3C3413LF PASTERNACK-PE3C3413LF Datasheet
370Kb / 4P
Reverse Polarity SMA Male to BNC Male Cable Using RG316 Coax, LF Solder, RoHS
PE3C4406 PASTERNACK-PE3C4406 Datasheet
457Kb / 5P
SMA Male to SSMC Plug Right Angle Cable Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com