Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250 Datasheet(PDF) 1 Page - ebm-papst

Part # 250
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

250 Datasheet(HTML) 1 Page - ebm-papst

  250 Datasheet HTML 1Page - ebm-papst 250 Datasheet HTML 2Page - ebm-papst 250 Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
33
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
8
4
5
4
2
4
0
5
-
4
4
9
5
5
4
2
4
0
6
-
4
4
6
3
1
1
1
3
0
4
-
4
4
8
4
1
1
2
4
0
5
-
4
4
9
5
1
1
2
4
0
6
-
4
4
8
4
2
2
2
4
0
5
-
4
4
9
5
2
2
2
4
0
6
-
4
4
6
3
1
1
1
3
0
4
-
4
4
8
4
1
1
2
4
0
5
-
4
4
9
5
1
1
2
4
0
6
-
4
4
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- PWM control input
- Moisture protection
Max.
13.5 m3/h
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Counterclockwise,
looking towards rotor
– Connection:
Via single wires AWG 28,
TR 64
– Highlights:
Some models are suitable
for use at high ambient
temperatures
– Weight:
27 g
1) Fiberglass-reinforced plastic
Type
m3/h
cfm
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
405
10.0
5.9
5
4.5...5.5
18
3.8
0.9
6 000
-20...+70
50 000 / 20 000
52 500
¿
412
10.0
5.9
12
10...14
18
3.8
0.8
6 000
-20...+70
50 000 / 20 000
52 500
¿
412 H
13.5
7.9
12
10...14
29
4.7
1.6
8 100
-20...+60
45 000 / 17 500
47 500
¡
414
10.0
5.9
24
20...28
18
3.8
1.0
6 000
-20...+70
50 000 / 20 000
52 500
¿
414 H
13.5
7.9
24
20...26.5
29
4.7
1.7
8 100
-20...+60
45 000 / 17 500
47 500
¡
412-099
10.0
5.9
12
10...14
18
3.8
0.8
6 000
-20...+85
50 000 / 20 000
52 500
¿
Subject to change
Model with temperature range up to +85 °C.
Tin-pla
ted
Finger guards
from p. 242
DC axial fans
 40 x 20 mm
Series 400
Nominal data


Similar Part No. - 250

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
Commercial Composition 9mm Diameter Variable Resistors
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
High peak current carrying capability up to 6000A
logo
Ohmite Mfg. Co.
250 OHMITE-250 Datasheet
360Kb / 3P
Small size-to-power ratio.
logo
ebm-papst
250 EBMPAPST-250 Datasheet
704Kb / 3P
DC axial fans
250 EBMPAPST-250 Datasheet
345Kb / 3P
DC axial fans
More results

Similar Description - 250

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com