Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9950 Datasheet(PDF) 1 Page - ebm-papst

Part # 9950
Description  AC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

9950 Datasheet(HTML) 1 Page - ebm-papst

  9950 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
210
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See page 12)
- Moisture protection
Max.
135 m3/h
Type
m3/h
cfm
VAC
Hz
dB(A)
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
9956 L
84
49.4
230
50
29
4.4
9.5
1850
-40...+80
57 500 / 22 500
¿
9956 M
104
61.2
230
50
35
4.7
10.0
2250
-40...+80
57 500 / 22 500
¡
9950
117
68.9
230
50
37
5.0
14.0
2450
-20...+70
47 500 / 22 500
¬
9956
117
68.9
230
50
37
5.0
14.0
2450
-40...+70
47 500 / 22 500
¬
9906 L
100
58.9
115
60
34
4.6
8.0
2100
-40...+80
62 500 / 25 000
√
9906 M
111
65.3
115
60
37
5.0
8.0
2450
-40...+80
62 500 / 25 000
ƒ
9900
135
79.5
115
60
42
5.4
12.0
2850
-20...+70
52 500 / 25 000
≈
9906
135
79.5
115
60
42
5.4
12.0
2850
-40...+70
52 500 / 25 000
≈
Subject to change
– Material:
Housing: Die-cast aluminum
Impeller: Mineral-reinforced
PA plastic
– Direction of air flow: Exhaust over struts
– Direction of rotation: Counterclockwise,
looking towards rotor
– Connection:
Via 2 flat plugs 2.8 x 0.5 mm
grounding lug for M4
– Weight:
320 g
– Note:
Please note our new ACmaxx series.
With identical mounting dimensions and voltages, this
series achieves greater energy efficiency.
See page 192.
Finger guards
from p. 242
Cables
P. 255
AC axial fans
 119 x 25 mm
Series 9900
Nominal data


Similar Part No. - 9950

ManufacturerPart #DatasheetDescription
logo
ebm-papst
9950 EBMPAPST-9950 Datasheet
318Kb / 1P
TUBEAXIAL
9950 EBMPAPST-9950 Datasheet
289Kb / 4P
AC axial compact fan
logo
Belden Inc.
9950 BELDEN-9950 Datasheet
149Kb / 2P
RS232, #22-50c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
logo
Molex Electronics Ltd.
9950-0111 MOLEX5-9950-0111 Datasheet
118Kb / 3P
8.00mm (.315") Pitch Beau??Eurostyle??Fixed Mount, High Voltage PCB Terminal Block, Vertical, 11 Circuits
logo
Belden Inc.
9950-060100 BELDEN-9950-060100 Datasheet
149Kb / 2P
RS232, #22-50c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 9950

ManufacturerPart #DatasheetDescription
logo
ETRI
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
AC Axial Fans
logo
List of Unclassifed Man...
UF60D12-__H ETC2-UF60D12-__H Datasheet
417Kb / 1P
AC AXIAL FANS
UF92A12-__H ETC2-UF92A12-__H Datasheet
395Kb / 1P
AC AXIAL FANS
UF92AM12-__H ETC2-UF92AM12-__H Datasheet
393Kb / 1P
AC AXIAL FANS
UF250BMB12-H1 ETC2-UF250BMB12-H1 Datasheet
499Kb / 1P
AC AXIAL FANS
logo
ETRI
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
AC Axial Fans
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
AC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com