Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0603S-R39GF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0603S-R39GF
Description  WIREWOUND CHIP INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0603S-R39GF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0603S-R39GF Datasheet HTML 1Page - Superworld Electronics SCI0603S-R39GF Datasheet HTML 2Page - Superworld Electronics SCI0603S-R39GF Datasheet HTML 3Page - Superworld Electronics SCI0603S-R39GF Datasheet HTML 4Page - Superworld Electronics SCI0603S-R39GF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SCI0603S SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
03.02.2015
WIREWOUND CHIP INDUCTORS
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI0603S-10N□F
SCI0603S-27N□F
SCI0603S-24N□F
SCI0603S-22N□F
SCI0603S-18N□F
SCI0603S-12N□F
SCI0603S-15N□F
SCI0603S-11N□F
SCI0603S-16N□F
SCI0603S-4N7□F
SCI0603S-7N5□F
SCI0603S-8N2□F
SCI0603S-9N5□F
SCI0603S-8N7□F
SCI0603S-5N1□F
SCI0603S-6N8□F
SCI0603S-5N6□F
SCI0603S-3N3□F
SCI0603S-3N9□F
SCI0603S-3N6□F
SCI0603S-4N3□F
SCI0603S-1N6□F
SCI0603S-1N8□F
K, J
K, J
700
83
10.60
66
10.0
0.130
4800
31
250
10
2800
3300
4000
4000
4000
3000
2800
3100
250
250
250
250
27
18
22
24
40
38
38
35
250
250
250
250
16
15
12
11
35
35
35
31
700
700
600
700
0.220
0.190
0.130
0.170
29.2
22.8
25.7
18.7
700
700
700
700
0.110
0.170
0.130
0.086
16.5
15.4
12.3
11.3
34.60
30.90
26.10
21.40
74
45
73
70
65
40
71
69
13.50
16.80
18.0
12.10
72
64
55
53
83
89
52
56
700
4.65
0.120
5800
25
250
4.7
5800
4800
4800
5800
5800
4800
5400
28
250
7.5
250
250
250
8.2
8.7
9.5
27
28
28
250
250
250
5.1
6.8
5.6
20
27
20
700
7.70
0.106
700
700
700
0.110
0.109
0.135
8.25
8.86
9.70
700
700
700
0.160
0.110
0.170
5.13
6.75
5.53
5800
5800
>6000
12500
12500
>6000
22
250
3.3
250
250
250
3.6
4.3
3.9
22
22
22
250
250
1.8
1.6
16
24
700
3.35
0.080
700
700
700
0.063
0.063
0.080
3.53
4.32
3.95
700
700
0.045
0.030
1.63
1.53
67
4.80
53
65
7.82
60
8.40
9.92
9.32
64
59
62
81
61
58
5.36
7.10
5.86
47
60
56
56
81
77
65
3.40
47
3.58
4.43
3.96
49
49
49
65
67
67
1.58
1.66
35
35
55
50
SCI0603S-2N2□F
K, J
6000
250
2.2
15
700
0.100
2.18
2.20
41
64
K, J, G
SCI0603S-23N□F
2850
250
23
38
700
0.190
24.1
28.00
71
71
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
Part No.
( nH )
Available
( MHz )
Tolerance
L
Freq
Test
900MHz
Typ.
Min.
Max.
Min.
Max.
( Ω )
DCR
( MHz )
SRF
Q
( mA )
IDC
L
Typ.
Typ.
Typ.
L
1.7GHz
Q
900MHz
Q
1.7GHz
SCI0603S-4N5□F
5800
250
4.5
20
700
0.120
4.74
4.87
55
92
K, J, G
SCI0603S-2N3□F
K, J
>4000
250
2.3
16
700
0.140
2.32
2.35
32
40
K, J, G
SCI0603S-6N3□F
5800
250
6.3
25
700
0.110
6.67
6.86
41
61
K, J, G
SCI0603S-6N2□F
5800
250
6.2
25
700
0.110
6.28
6.40
60
85
K, J, G
SCI0603S-9N1□F
4800
250
9.1
35
700
0.130
9.20
9.70
70
80
K, J, G
SCI0603S-17N□F
3200
250
17
35
700
0.170
17.6
19.4
56
44
K, J, G
SCI0603S-20N□F
3000
250
20
40
700
0.190
20.7
23.5
80
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com