Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0603S-R39GF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI0603S-R39GF
Description  WIREWOUND CHIP INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0603S-R39GF Datasheet(HTML) 3 Page - Superworld Electronics

  SCI0603S-R39GF Datasheet HTML 1Page - Superworld Electronics SCI0603S-R39GF Datasheet HTML 2Page - Superworld Electronics SCI0603S-R39GF Datasheet HTML 3Page - Superworld Electronics SCI0603S-R39GF Datasheet HTML 4Page - Superworld Electronics SCI0603S-R39GF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
03.02.2015
WIREWOUND CHIP INDUCTORS
SCI0603S SERIES
150
110
120
330
220
270
180
100
390
K, J, G
SCI0603S-R39□F
K, J, G
SCI0603S-R10□F
K, J, G
SCI0603S-R18□F
SCI0603S-R22□F
SCI0603S-R27□F
SCI0603S-R33□F
K, J, G
K, J, G
K, J, G
SCI0603S-R11□F
SCI0603S-R12□F
SCI0603S-R15□F
K, J, G
K, J, G
K, J, G
-
-
100
25
900
734.5
100
4.350
25
39
43
22
49
150
34
1400
400
124.0
0.580
0.610
0.650
0.950
1.600
2.100
3.800
1.400
100
25
1250
25
25
25
100
100
100
900
900
1200
32
32
150
150
100
1300
1300
1350
250
305.0
100
200
250
680.4
523.0
377.0
280
300
300
230.0
166.0
138.0
13
319.5
-
-
-
-
--
-
-
-
529.3
342.7
15
8
-
K, J, G
K, J, G
K, J, G
K, J, G
SCI0603S-30N□F
SCI0603S-33N□F
SCI0603S-36N□F
SCI0603S-39N□F
2300
2200
2300
2800
250
250
250
250
33
36
39
30
40
37
40
40
600
600
600
600
0.150
0.250
0.250
0.220
42.7
36.0
39.1
31.4
60.20
48.90
49.50
39.80
67
47
60
47
42
28
40
24
43
47
82
56
K, J, G
SCI0603S-56N□F
SCI0603S-82N□F
K, J, G
SCI0603S-43N□F
SCI0603S-47N□F
K, J, G
K, J, G
62
44
54
56
0.280
0.280
0.540
0.310
200
38
1900
34
150
1700
38
38
200
200
2000
2000
600
62.5
400
96.2
600
600
52.2
46.9
26
97.0
177.0
21
77.20
60.30
35
21
51
SCI0603S-51N□F
K, J, G
69
0.280
38
200
1900
600
55.5
82.20
34
260
SCI0603S-R26□F
K, J, G
2.000
25
100
1000
200
469.0
-
-
68
72
SCI0603S-68N□F
SCI0603S-72N□F
K, J, G
K, J, G
53
54
0.340
0.490
37
34
200
150
1700
1700
600
600
82.0
80.5
135.0
168.0
20
21
29
20
19
21
21
Inductance tolerance :
: G : ± 2%
K : ± 10%
J : ± 5%
Available
Tolerance
Min.
( MHz )
( nH )
L
Test
Freq
( MHz )
Min.
Q
SRF
Typ.
1.7GHz
Typ.
Max.
Max.
Typ.
900MHz
IDC
( mA )
DCR
( Ω )
900MHz
LQ
Typ.
1.7GHz
LQ
Part No.
62
SCI0603S-62N□F
K, J, G
40
0.340
37
200
1800
600
68.0
110.0
10
91
K, J, G
SCI0603S-91N□F
50
150
30
1700
400
110.0
0.500
6
416.4
140
SCI0603S-R14□F
K, J, G
80
0.870
28
100
1300
280
190.0
-
-
130
SCI0603S-R13□F
K, J, G
60
0.720
30
150
1400
300
185.0
-
-
160
K, J, G
SCI0603S-R16□F
20
1.400
100
25
1300
280
215.0
-
-
280
SCI0603S-R28□F
K, J, G
2.400
25
100
1000
100
524.0
-
-
18
300
SCI0603S-R30□F
K, J, G
2.500
25
100
750
150
539.7
-
-
21
470
K, J, G
SCI0603S-R47□F
-
-
100
23
600
-
80
3.600
-
28



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com