Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0402S-R12F Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0402S-R12F
Description  WIREWOUND CHIP INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0402S-R12F Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0402S-R12F Datasheet HTML 1Page - Superworld Electronics SCI0402S-R12F Datasheet HTML 2Page - Superworld Electronics SCI0402S-R12F Datasheet HTML 3Page - Superworld Electronics SCI0402S-R12F Datasheet HTML 4Page - Superworld Electronics SCI0402S-R12F Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
a) Operating temp. : -40° C to +125° C
SCI0402S SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
03.02.2015
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
Available
Tolerance
J,K
SCI0402S-5N1□F
J,K
SCI0402S-8N2□F
SCI0402S-9N0□F
SCI0402S-10N□F
SCI0402S-11N□F
J,K
K, J, G
K, J, G
SCI0402S-5N6□F
SCI0402S-6N2□F
SCI0402S-7N5□F
J,K
J,K
J,K
K
SCI0402S-2N2□F
SCI0402S-4N7□F
SCI0402S-3N6□F
SCI0402S-3N3□F
J,K
J,K
K
SCI0402S-1N0□F
SCI0402S-2N0□F
Part No.
K
K
1.7GHz
1.7GHz
900MHz
900MHz
IDC
DCR
SRF
Q
Test
L
5.15
800
0.083
4800
20
250
5.1
4800
4800
3680
4000
4100
4400
22
250
8.2
250
250
250
10
11
9.0
21
22
24
250
250
250
6.2
5.6
7.5
20
20
22
8.50
680
0.104
480
680
640
0.195
0.104
0.120
9.80
9.07
10.70
760
760
680
0.083
0.083
0.104
6.16
5.16
7.91
6800
7000
10800
11100
12700
4800
( MHz )
Min.
19
250
2.2
250
250
250
3.3
3.6
4.7
19
19
18
250
250
Freq
( MHz )
2.0
1.0
( nH )
16
16
Min.
2.19
960
0.070
840
840
640
0.066
0.066
0.130
3.10
3.56
4.55
1040
1360
( mA )
Max.
0.070
0.045
Max.
( Ω )
1.93
1.02
Typ.
L
82
5.25
56
84
8.85
57
9.53
10.10
11.20
62
50
52
78
67
78
5.28
6.37
8.22
54
52
60
81
76
88
100
2.23
59
3.62
3.12
4.68
45
65
48
71
87
68
Typ.
1.02
1.93
L
Q
Typ.
77
54
Q
Typ.
69
75
SCI0402S-1N9□F
K
11300
250
1.9
16
1040
0.070
1.72
1.74
68
82
K
SCI0402S-2N4□F
10500
15
250
2.4
2.24
790
0.070
68
2.27
51
K
SCI0402S-2N7□F
10400
16
250
2.7
2.23
640
0.120
61
2.25
42
SCI0402S-4N3□F
J,K
4700
250
4.3
18
700
0.091
4.19
4.30
47
71
SCI0402S-3N9□F
J,K
6000
250
3.9
19
840
0.066
3.89
4.00
50
75
SCI0402S-6N8□F
J,K
4800
250
6.8
20
680
0.083
6.56
6.93
63
78
J,K
SCI0402S-8N7□F
4160
18
250
8.7
8.78
480
0.200
73
9.21
54
SCI0402S-9N5□F
J,K
3900
250
9.5
18
480
0.200
9.42
9.98
54
69
5800
b) Storage condition (component in its packaging)
i) Temperature : -10 to 40° C
ii) Humidity : 60%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com