Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0402S-R12F Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI0402S-R12F
Description  WIREWOUND CHIP INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0402S-R12F Datasheet(HTML) 3 Page - Superworld Electronics

  SCI0402S-R12F Datasheet HTML 1Page - Superworld Electronics SCI0402S-R12F Datasheet HTML 2Page - Superworld Electronics SCI0402S-R12F Datasheet HTML 3Page - Superworld Electronics SCI0402S-R12F Datasheet HTML 4Page - Superworld Electronics SCI0402S-R12F Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
03.02.2015
WIREWOUND CHIP INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
SCI0402S SERIES
K, J, G
SCI0402S-12N□F
SCI0402S-27N□F
SCI0402S-23N□F
SCI0402S-19N□F
SCI0402S-15N□F
K, J, G
K, J, G
K, J, G
K, J, G
71
12.70
53
11.90
640
0.120
3450
24
250
12
3100
2700
3000
250
250
250
250
15
27
23
19
24
24
24
24
560
400
400
480
0.172
0.300
0.300
0.202
14.60
28.70
23.80
19.10
15.50
26.90
33.50
21.10
55
49
49
50
77
64
63
67
3600
K, J, G
SCI0402S-13N□F
57
14.60
51
13.40
440
0.210
3280
24
250
13
SCI0402S-16N□F
K, J, G
3100
250
16
24
560
0.220
16.60
18.80
46
47
SCI0402S-18N□F
K, J, G
3040
250
18
25
420
0.230
18.30
20.30
57
62
SCI0402S-20N□F
K, J, G
2800
250
20
25
420
0.250
20.70
23.70
52
53
SCI0402S-30N□F
SCI0402S-56N□F
SCI0402S-47N□F
SCI0402S-40N□F
SCI0402S-36N□F
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
2320
2350
2100
1760
2240
250
250
250
250
36
40
47
56
24
25
25
24
250
30
25
320
150
100
320
0.440
0.830
0.970
0.500
39.50
50.00
57.40
39.00
400
0.350
31.10
48.40
47.40
72.40
55.80
44
49
38
44
53
40
37
33
38.50
46
39
SCI0402S-22N□F
K, J, G
2720
250
22
25
400
0.300
23.20
26.80
53
53
SCI0402S-24N□F
K, J, G
2480
250
24
25
400
0.300
25.10
29.50
51
50
SCI0402S-33N□F
K, J, G
2350
250
33
24
400
0.350
34.90
41.70
31
32
SCI0402S-39N□F
K, J, G
2100
250
39
25
200
0.550
41.70
50.20
47
45
SCI0402S-43N□F
K, J, G
2030
250
43
25
100
0.810
45.80
61.60
46
34
SCI0402S-51N□F
K, J, G
1750
250
51
25
100
0.820
50.40
59.40
47
37
SCI0402S-68N□F
K, J, G
1620
250
68
22
100
1.120
69.60
83.40
Inductance tolerance :
□ : G : ±2%
K : ± 10%
J : ± 5%
Part No.
( nH )
Available
( MHz )
Tolerance
L
Freq
Test
900MHz
Typ.
Min.
Max.
Min.
Max.
( Ω )
DCR
( MHz )
SRF
Q
( mA )
IDC
L
Typ.
Typ.
Typ.
L
1.7GHz
Q
900MHz
Q
1.7GHz
SCI0402S-82N□F
SCI0402S-R10□F
SCI0402S-R12□F
K, J, G
K, J, G
K, J, G
82
100
120
250
250
250
22
22
20
1260
1160
>1800
1.550
2.000
2.660
50
30
50
-
-
45
-
-
-
-
-
-
38
--
-
---
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com