Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM810 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM810
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM810 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM810 Datasheet HTML 1Page - National Semiconductor (TI) LM810 Datasheet HTML 2Page - National Semiconductor (TI) LM810 Datasheet HTML 3Page - National Semiconductor (TI) LM810 Datasheet HTML 4Page - National Semiconductor (TI) LM810 Datasheet HTML 5Page - National Semiconductor (TI) LM810 Datasheet HTML 6Page - National Semiconductor (TI) LM810 Datasheet HTML 7Page - National Semiconductor (TI) LM810 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ordering Information
Reset Threshold
(V)
LM809 Supplied as 1000
units, tape & reel
LM809 Supplied as 3000
units, tape & reel
Package
Top Mark
Package
Type
NSC Package
4.63
LM809M3-4.63
LM809M3X-4.63
S8B
SOT23-3
M03B
4.38
LM809M3-4.38
LM809M3X-4.38
S7B
4.00
LM809M3-4.00
LM809M3X-4.00
S6B
3.08
LM809M3-3.08
LM809M3X-3.08
S5B
2.93
LM809M3-2.93
LM809M3X-2.93
S4B
2.63
LM809M3-2.63
LM809M3X-2.63
S3B
2.45
LM809M3-2.45
LM809M3X-2.45
SFB
Reset Threshold
(V)
LM810 Supplied as 1000
units, tape & reel
LM810 Supplied as 3000
units, tape & reel
Package
Top Mark
Package
Type
NSC Package
4.63
LM810M3-4.63
LM810M3X-4.63
SEB
SOT23-3
M03B
4.38
LM810M3-4.38
LM810M3X-4.38
SDB
4.00
LM810M3-4.00
LM810M3X-4.00
SCB
3.08
LM810M3-3.08
LM810M3X-3.08
SBB
2.93
LM810M3-2.93
LM810M3X-2.93
SAB
2.63
LM810M3-2.63
LM810M3X-2.63
S9B
Reset Threshold
(V)
LM809 Supplied as 1000
units, tape & reel
LM809 Supplied as 4500
units, tape & reel
Package
Top Mark
Package
Type
NSC Package
2.63
LM809LD-2.63
LM809LDX-2.63
S13
LLP-6
LDB06A
Custom voltages and improved accuracies are available, subject to minimum orders. Contact your local National Semiconductor Sales Office for information.
Pin Descriptions
PIN
NAME
FUNCTION
(LLP)
SOT-23
1
1
GND
Ground reference
32
RESET (LM809)
Active-low output. RESET remains low while V
CC is below the reset threshold,
and for 240ms after V
CC rises above the reset threshold.
RESET (LM810)
Active-high output. RESET remains high while V
CC is below the reset
threshold, and for 240ms after V
CC rises above the reset threshold.
53
V
CC
Supply Voltage (+5V, +3.3V, or +3.0V)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com