Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM810 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM810
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM810 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM810 Datasheet HTML 1Page - National Semiconductor (TI) LM810 Datasheet HTML 2Page - National Semiconductor (TI) LM810 Datasheet HTML 3Page - National Semiconductor (TI) LM810 Datasheet HTML 4Page - National Semiconductor (TI) LM810 Datasheet HTML 5Page - National Semiconductor (TI) LM810 Datasheet HTML 6Page - National Semiconductor (TI) LM810 Datasheet HTML 7Page - National Semiconductor (TI) LM810 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC
−0.3V to 6.0V
RESET, RESET
−0.3V to (V
CC+ 0.3V)
Input Current, V
CC Pin
20mA
Output Current, RESET, RESET
Pin
20mA
Rate of Rise, V
CC
100V/µs
ESD Rating (Note 2)
2kV
Continuous Power Dissipation
(Note 4)
320mW
θ
JA:
LLP-6
152˚C/W
SOT23-3
326˚C/W
Ambient Temperature Range
−40˚C to +105˚C
Maximum Junction Temperature
125˚C
Storage Temperature Range
−65˚C to +160˚C
Lead Temperature (soldering,
10sec)
+300˚C
Electrical Characteristics
V
CC = full range, TA = −40˚C to +105˚C, unless otherwise noted. Typical values are at TA = +25˚C, VCC = 5V for
4.63/4.38/4.00 versions, V
CC = 3.3V for 3.08/2.93 versions, and VCC = 3V for 2.63/2.45 version (Note 3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CC Range
T
A = 0˚C to +70˚C
1.0
5.5
V
T
A = −40˚C to +105˚C
1.2
5.5
I
CC
Supply Current
T
A = −40˚C to
+85˚C
V
CC<5.5V, LM8_ _
-4.63/4.38/4.00
18
60
µA
V
CC<3.6V, LM8_ _
-3.08/2.93/2.63/2.45
15
50
T
A = +85˚C to
+105˚C
V
CC<5.5V, LM8_ _
-4.63/4.38/4.00
100
V
CC<3.6V, LM8_ _
-3.08/2.93/2.63/2.45
100
V
TH
Reset Threshold (Note 5)
LM8_ _ -4.63
T
A = +25˚C
4.56
4.63
4.70
V
T
A = −40˚C to +85˚C
4.50
4.75
T
A = +85˚C to +105˚C
4.40
4.86
LM8_ _ -4.38
T
A = +25˚C
4.31
4.38
4.45
T
A = −40˚C to +85˚C
4.25
4.50
T
A = +85˚C to +105˚C
4.16
4.56
LM8_ _ -4.00
T
A = +25˚C
3.93
4.00
4.06
T
A = −40˚C to +85˚C
3.89
4.10
T
A = +85˚C to +105˚C
3.80
4.20
LM8_ _ -3.08
T
A = +25˚C
3.04
3.08
3.11
T
A = −40˚C to +85˚C
3.00
3.15
T
A = +85˚C to +105˚C
2.92
3.23
LM8_ _ -2.93
T
A = +25˚C
2.89
2.93
2.96
T
A = −40˚C to +85˚C
2.85
3.00
T
A = +85˚C to +105˚C
2.78
3.08
LM8_ _ -2.63
T
A = +25˚C
2.59
2.63
2.66
T
A = −40˚C to +85˚C
2.55
2.70
T
A = +85˚C to +105˚C
2.50
2.76
LM8_ _ -2.45
T
A = +25˚C
2.41
2.45
2.49
T
A = −40˚C to +85˚C
2.38
2.52
T
A = +85˚C to +105˚C
2.33
2.57
Reset Threshold
Temperature Coefficient
30
ppm/˚C
V
CC to Reset Delay (Note 5)
V
CC =VTH to (VTH − 100mV)
20
µs
Reset Active Timeout Period
T
A = −40˚C to +85˚C
140
240
560
ms
T
A = +85˚C to +105˚C
100
840
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com