Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3500 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3500
Description  Synchronous Step-up DC/DC Converter for White LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3500 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3500 Datasheet HTML 1Page - National Semiconductor (TI) LM3500 Datasheet HTML 2Page - National Semiconductor (TI) LM3500 Datasheet HTML 3Page - National Semiconductor (TI) LM3500 Datasheet HTML 4Page - National Semiconductor (TI) LM3500 Datasheet HTML 5Page - National Semiconductor (TI) LM3500 Datasheet HTML 6Page - National Semiconductor (TI) LM3500 Datasheet HTML 7Page - National Semiconductor (TI) LM3500 Datasheet HTML 8Page - National Semiconductor (TI) LM3500 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM3500
Synchronous Step-up DC/DC Converter for White LED
Applications
General Description
The LM3500 is a fixed-frequency step-up DC/DC converter
that is ideal for driving white LEDs for display backlighting
and other lighting functions. With fully intergrated synchro-
nous switching (no external schottky diode required) and a
low feedback voltage (500mV), power efficiency of the
LM3500 circuit has been optimized for lighting applications
in wireless phones and other portable products (single cell
Li-Ion or 3-cell NiMH battery supplies). The LM3500 oper-
ates with a fixed 1MHz switching frequency. When used with
ceramic input and output capacitors, the LM3500 provides a
small, low-noise, low-cost solution.
Two LM3500 options are available with different output volt-
age capabilities. The LM3500-21 has a maximum output
voltage of 21V and is typically suited for driving 4 or 5 white
LEDs in series. The LM3500-16 has a maximum output
voltage of 16V and is typically suited for driving 3 or 4 white
LEDs in series (maximum number of series LEDs dependent
on LED forward voltage). If the primary white LED network
should be disconnected, the LM3500 uses internal protec-
tion circuitry on the output to prevent a destructive over-
voltage event.
A single external resistor is used to set the maximum LED
current in LED-drive applications. The LED current can eas-
ily be adjusted using a pulse width modulated (PWM) signal
on the shutdown pin. In shutdown, the LM3500 completely
disconnects the input from output, creating total isolation and
preventing any leakage currents from trickling into the LEDs.
Features
n
Synchronous rectification, high efficiency and no
external schottky diode required
n
Uses small surface mount components
n
Can drive 2-5 white LEDs in series
(may function with more low-V
F LEDs)
n
2.7V to 7V input range
n
Internal output over-voltage protection (OVP) circuitry,
with no external zener diode required
LM3500-16: 15.5V OVP; LM3500-21: 20.5V OVP.
n
True shutdown isolation
n
Input undervoltage lockout
n
Requires only small ceramic capacitors at the input and
output
n
Thermal Shutdown
n
0.1µA shutdown current
n
Small 8-bump thin micro SMD package
Applications
n
LCD Bias Supplies
n
White LED Backlighting
n
Handheld Devices
n
Digital Cameras
n
Portable Applications
Typical Application Circuit
20065701
February 2005
© 2005 National Semiconductor Corporation
DS200657
www.national.com


Similar Part No. - LM3500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3500 TI1-LM3500 Datasheet
1Mb / 25P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
LM3500TL-16/NOPB TI1-LM3500TL-16/NOPB Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
LM3500TL-21/NOPB TI1-LM3500TL-21/NOPB Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
LM3500TLX-16/NOPB TI1-LM3500TLX-16/NOPB Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
More results

Similar Description - LM3500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
DC-DC Step-Up Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
Step Up Type DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
DC-DC Step-Up Converter for White LED
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com