Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6317IM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6317IM
Description  120 MHz, Fast Settling, Low Power, Voltage Feedback Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6317IM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6317IM Datasheet HTML 1Page - National Semiconductor (TI) LM6317IM Datasheet HTML 2Page - National Semiconductor (TI) LM6317IM Datasheet HTML 3Page - National Semiconductor (TI) LM6317IM Datasheet HTML 4Page - National Semiconductor (TI) LM6317IM Datasheet HTML 5Page - National Semiconductor (TI) LM6317IM Datasheet HTML 6Page - National Semiconductor (TI) LM6317IM Datasheet HTML 7Page - National Semiconductor (TI) LM6317IM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
ESD Tolerance (Note 2)
Human Body Model
15 kV
Machine Model
200V
Supply Voltage (Va –Vb)
12V
Differentfial Input Voltage
10V
Output Current (Note 3)
g
60 mA
Storage Temperature Range
b
65 Cto a150 C
Maximum Junction Temperature (Note 4)
150 C
Operating Ratings (Note 1)
Supply Voltage
g
23V s VS s g6V
Junction Temperature Range
b
40 C s TJ s a85 C
Thermal Resistance (iJA)
N Package 8-Pin Molded DIP
110 CW
M Package 8-Pin Surface Mount
170 CW
g
5V DC Electrical Characteristics Unless otherwise specified all limits guaranteed for TJ e 25 C
Va ea5V Vb eb5V VCM e 0V and RL e 100X Boldface limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 5)
(Note 6)
VOS
Input Offset Voltage
03
5mV
7
max
TC VOS
Input Offset Voltage
8
m
V C
Average Drift
IB
Input Bias Current
3
12
m
A
22
max
IOS
Input Offset Current
02
2
m
A
4
max
RIN
Input Resistance
Differential
2
MX
Common
1
CIN
Input Capacitance
Differential
1
pF
Common
1
RO
Open Loop Output
002
X
Resistance
CMRR
Common Mode
VCM e g15V
80
62
dB
Rejection Ratio
57
min
PSRR
Power Supply
VS e g5V to g45V
74
60
dB
Rejection Ratio
52
min
AV
Large Signal
VOUT e g1V
70
55
min
dB
Voltage Gain
RL e 1kX
50
VOUT e g1V
67
53
RL e 100X
48
VCM
Input Common-Mode
CMRR e 60 dB
32
26
V
Voltage Range
23
min
b
32
b
26
V
b
23
max
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com