Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6317IM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6317IM
Description  120 MHz, Fast Settling, Low Power, Voltage Feedback Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6317IM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6317IM Datasheet HTML 1Page - National Semiconductor (TI) LM6317IM Datasheet HTML 2Page - National Semiconductor (TI) LM6317IM Datasheet HTML 3Page - National Semiconductor (TI) LM6317IM Datasheet HTML 4Page - National Semiconductor (TI) LM6317IM Datasheet HTML 5Page - National Semiconductor (TI) LM6317IM Datasheet HTML 6Page - National Semiconductor (TI) LM6317IM Datasheet HTML 7Page - National Semiconductor (TI) LM6317IM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
g
5V DC Electrical Characteristics (Continued) Unless otherwise specified all limits guaranteed for TJ e
25 C Va ea5V Vb eb5V VCM e 0V and RL e 100X Boldface limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 5)
(Note 6)
VO
Output Swing
RL e 1kX
35
3V
26
min
b
35
b
3V
b
26
max
RL e 100X
3
25
V
23
min
b
3
b
25
V
b
23
max
IS
Supply Current
4
6mA
7
max
g
5V AC Electrical Characteristics
Unless otherwise specified TJ e 25 C Va ea5V Vb e 5V AV e 1 and RL e 100X
Symbol
Parameter
Conditions
Typ
Units
(Note 5)
SR
Slew Rate
5V Step
1100
V ms
5V Step AV eb1
750
RL e 500X
Unity-Gain Bandwidth
AV eb1 RL e 500X
120
MHz
b
3 dB Frequency
AV ea2
80
MHz
im
Phase Margin
AV eb1 RL e 500X
60
ts
Settling Time
01% 2V Step
12
ns
001% 2V Step
18
en
Input-Referred Voltage Noise
f e 100 kHz
42
nV
0Hz
in
Input-Referred Current Noise
f e 100 kHz
2
pA
0Hz
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur Operating Ratings indicate conditions for which the device is
intended to be functional but specific performance is not guaranteed For guaranteed specifications and the test conditions see the Electrical Characteristics
Note 2
Human body model 15 kX in series with 100 pF Machine model 200X in series with 100 pF
Note 3
Applies to both single-supply and split-supply operation Sourcing and sinking more than 60 mA at the output may adversely affect reliability
Note 4
The maximum power dissipation is a function of TJ(max) iJA and TA The maximum allowable power dissipation at any ambient temperature is PD e
(TJ(max)–TA) iJA All numbers apply for packages soldered directly into a PC board
Note 5
Typical values represent the most likely parametric norm
Note 6
All limits are guaranteed by testing or statistical analysis
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com