Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92AF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFR92AF
Description  Silicon NPN Planar RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR92AF Datasheet(HTML) 2 Page - Vishay Siliconix

  BFR92AF Datasheet HTML 1Page - Vishay Siliconix BFR92AF Datasheet HTML 2Page - Vishay Siliconix BFR92AF Datasheet HTML 3Page - Vishay Siliconix BFR92AF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85098
Rev. 1.3, 30-Aug-04
VISHAY
BFR92AF
Vishay Semiconductors
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter cut-off current
VCE = 20 V, VBE = 0
ICES
100
µA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 2 V, IC = 0
IEBO
10
µA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
15
V
DC forward current transfer ratio VCE = 10 V, IC = 14 mA
hFE
65
100
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com