Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92AF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFR92AF
Description  Silicon NPN Planar RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR92AF Datasheet(HTML) 3 Page - Vishay Siliconix

  BFR92AF Datasheet HTML 1Page - Vishay Siliconix BFR92AF Datasheet HTML 2Page - Vishay Siliconix BFR92AF Datasheet HTML 3Page - Vishay Siliconix BFR92AF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VISHAY
BFR92AF
Document Number 85098
Rev. 1.3, 30-Aug-04
Vishay Semiconductors
www.vishay.com
3
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 10 V, IC = 14 mA,
f = 500 MHz
fT
6GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.3
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.15
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.65
pF
Noise figure
VCE = 10 V, IC = 2 mA,
ZS = 50 Ω, f = 800 MHz
F1.8
dB
Power gain
VCE = 10 V, ZS = 50 Ω,
ZL = ZLopt, IC = 14 mA,
f = 800 MHz
Gpe
16.5
dB
Transducer gain
VCE = 10 V, IC = 14 mA,
f = 800 MHz, ZO = 50 Ω
|S21e|
2
14
dB
Linear output voltage - two tone
intermodulation test
VCE = 10 V, IC = 14 mA,
dIM = 60 dB, f1 = 806 MHz,
f2 = 810 MHz, ZS = ZL = 50 Ω
V1 = V2
120
mV
Third order intercept point
VCE = 10 V, IC = 14 mA,
f = 800 MHz
IP3
24
dBm
16866
ISO Method E
0.4 (0.016)
0.5(0.016)
0.65(0.026)
1.15(0.045)
0.1 B
0.1 A
1.5 (0.059)
1.7 (0.066)
3 x 0.20 (0.008)
3 x 0.30 (0.012)
1.5 (0.059)
1.7 (0.066)
0.5 (0.016)
1.0 (0.039)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com