Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV70515YFPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70515YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70515YFPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV70515YFPR Datasheet HTML 25Page - Texas Instruments TLV70515YFPR Datasheet HTML 26Page - Texas Instruments TLV70515YFPR Datasheet HTML 27Page - Texas Instruments TLV70515YFPR Datasheet HTML 28Page - Texas Instruments TLV70515YFPR Datasheet HTML 29Page - Texas Instruments TLV70515YFPR Datasheet HTML 30Page - Texas Instruments TLV70515YFPR Datasheet HTML 31Page - Texas Instruments TLV70515YFPR Datasheet HTML 32Page - Texas Instruments TLV70515YFPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.19
0.13
0.4
TYP
0.4
TYP
4X
0.25
0.21
B
E
A
D
4223507/A 01/2017
DSBGA - 0.5 mm max height
YFP0004
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
B
2
0.015
C A B
SYMM
SYMM
1
SCALE 10.000
D: Max =
E: Max =
0.806 mm, Min =
0.806 mm, Min =
0.746 mm
0.746 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com