Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV70515YFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70515YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70515YFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70515YFPR Datasheet HTML 3Page - Texas Instruments TLV70515YFPR Datasheet HTML 4Page - Texas Instruments TLV70515YFPR Datasheet HTML 5Page - Texas Instruments TLV70515YFPR Datasheet HTML 6Page - Texas Instruments TLV70515YFPR Datasheet HTML 7Page - Texas Instruments TLV70515YFPR Datasheet HTML 8Page - Texas Instruments TLV70515YFPR Datasheet HTML 9Page - Texas Instruments TLV70515YFPR Datasheet HTML 10Page - Texas Instruments TLV70515YFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
140
120
100
80
60
40
20
0
0
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=4.8V
OUT
50
100
150
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
10mA
150mA
200mA
V
=1.8V
OUT
0
150
100
200
I
(mA)
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
50
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
OUT
250
200
150
100
50
0
2
2.5 2.75
3.75
4.25
4.75
V
(V)
IN
+125 C
°
+85 C
°
+25 C
°
-40 C
°
4.5
4
3.5
3
3.25
2.25
I
=200mA
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
I
=10mA
OUT
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.1
2.6
3.1
3.6
4.1
4.6
5.1
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=1.8V
I
=200mA
OUT
OUT
7
TLV705, TLV705P
www.ti.com
SBVS151F – DECEMBER 2010 – REVISED APRIL 2017
Product Folder Links: TLV705 TLV705P
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
6.6 Typical Characteristics
over operating temperature range (TJ = –40°C to +125°C), IOUT = 10 mA, VEN = 0.9 V, COUT = 1 μF, and VIN = VOUT(nom) +
0.5 V or 2 V, whichever is greater, unless otherwise noted. Typical values are at TJ = 25°C.
Figure 1. Line Regulation
Figure 2. Line Regulation
Figure 3. Load Regulation ( 0 mA
≤ IOUT ≤ 200 mA)
Figure 4. Dropout Voltage vs Input Voltage
Figure 5. Dropout Voltage vs Output Current
Figure 6. Output Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com