Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV705185YFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705185YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705185YFPR Datasheet(HTML) 4 Page - Texas Instruments

  TLV705185YFPR Datasheet HTML 1Page - Texas Instruments TLV705185YFPR Datasheet HTML 2Page - Texas Instruments TLV705185YFPR Datasheet HTML 3Page - Texas Instruments TLV705185YFPR Datasheet HTML 4Page - Texas Instruments TLV705185YFPR Datasheet HTML 5Page - Texas Instruments TLV705185YFPR Datasheet HTML 6Page - Texas Instruments TLV705185YFPR Datasheet HTML 7Page - Texas Instruments TLV705185YFPR Datasheet HTML 8Page - Texas Instruments TLV705185YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
EN
GND
V
IN
V
OUT
2
1
A
B
EN
GND
V
IN
V
OUT
2
1
A
B
4
TLV705, TLV705P
SBVS151F – DECEMBER 2010 – REVISED APRIL 2017
www.ti.com
Product Folder Links: TLV705 TLV705P
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFF, YFP Packages
4-Pin DSBGA
Top View
YFM Package
4-Pin PicoStar
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
A1
—
Ground pin.
EN
A2
I
Enable pin.
Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V places the regulator into
shutdown mode, which reduces the operating current to 1 μA (nominal).
VOUT
B1
O
Regulated output voltage pin.
Placing a small 1-μF ceramic capacitor is required from this pin to ground to ensure stability.
See Input and Output Capacitor Requirements for more details.
VIN
B2
I
Input pin.
TI recommends placing a small 1-µF capacitor from this pin to ground for good transient performance.
See Input and Output Capacitor Requirements for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com