Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV705185YFPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705185YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705185YFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV705185YFPR Datasheet HTML 9Page - Texas Instruments TLV705185YFPR Datasheet HTML 10Page - Texas Instruments TLV705185YFPR Datasheet HTML 11Page - Texas Instruments TLV705185YFPR Datasheet HTML 12Page - Texas Instruments TLV705185YFPR Datasheet HTML 13Page - Texas Instruments TLV705185YFPR Datasheet HTML 14Page - Texas Instruments TLV705185YFPR Datasheet HTML 15Page - Texas Instruments TLV705185YFPR Datasheet HTML 16Page - Texas Instruments TLV705185YFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
TLV705, TLV705P
www.ti.com
SBVS151F – DECEMBER 2010 – REVISED APRIL 2017
Product Folder Links: TLV705 TLV705P
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Internal Current Limit
The internal current limits of the TLV705 series help protect the regulator during fault conditions. During current
limit, the output sources a fixed amount of current that is largely independent of output voltage. In such a case,
the output voltage is not regulated, and can be measured as VOUT = ILIMIT × RLOAD. The PMOS pass transistor
dissipates [(VIN – VOUT) × ILIMIT] until a thermal shutdown is triggered and the device turns off. When the device
cools down, the internal thermal shutdown circuit turns the device back on. If the fault condition continues, the
device cycles between current limit and thermal shutdown; see Power Dissipation and Junction Temperature for
more details.
The PMOS pass element in the TLV705 has a built-in body diode that conducts current when the voltage at VOUT
exceeds the voltage at VIN. This current is not limited, so if extended reverse voltage operation is anticipated, TI
recommends external limiting to 5% of the rated output current.
7.3.2 Undervoltage Lockout (UVLO)
The TLV705 uses an UVLO circuit to keep the output shut off until the internal circuitry is operating properly.
7.3.3 Start-Up Current
The TLV705 uses a unique start-up architecture that creates a constant start-up time regardless of the output
capacitor. The start-up current is given by Equation 1. Equation 1 shows that start-up current is directly
proportional to COUT.
ISTARTUP = COUT (μF) × 0.06 (Vμs) + ILOAD (mA)
(1)
The output voltage ramp rate is independent of COUT and the load current, and has a typical value of 0.06 V/μs.
The TLV705 automatically adjusts the soft-start current to supply both the load current and the current to charge
COUT. For example, if ILOAD = 0 mA upon enabling the LDO, then ISTARTUP = 1 μF × 0.06 Vμs + 0 mA = 60 mA,
which is the current that charges the output capacitor.
However, if ILOAD = 200 mA, then ISTARTUP = 1 μF × 0.06 V / μs + 200 mA = 260 mA, which is the required current
to charge the output capacitor and supply the load current.
If the output capacitor and load increase such that the start-up current exceeds the output current limit, the start-
up current is clamped at the typical current limit of 400 mA. For example, if COUT = 10 μF and
IOUT = 200 mA, then 10 μF × 0.06 V / μs + 200 mA = 800 mA is not supplied and is instead clamped at 400 mA.
7.3.4 Dropout Voltage
The TLV705 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(on) of the PMOS pass element. VDO approximately scales with the output current because the PMOS device
functions as a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout.
This effect is shown in Figure 13 in the Typical Characteristics.
7.3.5 Shutdown
The enable pin (EN) is active high. The device is enabled when the EN pin goes above 0.9 V. This relatively
lower value of voltage required to turn the LDO on can power the device with the GPIO of recent processors with
a GPIO voltage lower than traditional microcontrollers. The device is turned off when the EN pin is held at less
than 0.4 V. When shutdown capability is not required, EN can be connected to the VIN pin. The TLV705P version
has internal active pulldown circuitry that discharges the output with a time constant of:
τ = (120 × RL) / (120 + RL) × COUT
where
•
RL = load resistance
•
COUT = output capacitor
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com