Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3082 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3082
Description  XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3082 Datasheet HTML 17Page - International Rectifier IR3082 Datasheet HTML 18Page - International Rectifier IR3082 Datasheet HTML 19Page - International Rectifier IR3082 Datasheet HTML 20Page - International Rectifier IR3082 Datasheet HTML 21Page - International Rectifier IR3082 Datasheet HTML 22Page - International Rectifier IR3082 Datasheet HTML 23Page - International Rectifier IR3082 Datasheet HTML 24Page - International Rectifier IR3082 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
IR3082
Page 21 of 21
12/17/04
No Load Output Voltage Setting Resistor RFB and Adaptive Voltage Positioning Resistor RDRP
A resistor between FB pin and the converter output is used to create output voltage offset VO_NLOFST, which is the
difference between VDAC voltage and output voltage at no load condition. Adaptive voltage positioning lowers the
converter voltage by Ro times Io, where Ro is the required output impedance of the converter.
RFB is not only determined by IFB, the current flowing out of the FB pin as shown in Figure 14, but also affected by
the total input offset voltage of current sense amplifiers. RFB and RDRP are determined by (15) and (16)
respectively.
MAX
L
FB
O
TOFST
CS
NLOFST
O
MAX
L
FB
R
I
R
n
V
V
R
R
_
_
_
_
⋅
⋅
⋅
−
⋅
=
(15)
O
MIN
CS
MAX
L
FB
DRP
R
n
G
R
R
R
⋅
⋅
⋅
=
_
_
(16)
IR3086 EXTERNAL COMPONENTS
PWM Ramp Resistor RPWMRMP and Capacitor CPWMRMP
PWM ramp is generated by connecting the resistor RPWMRMP between a voltage source and PWMRMP pin as well
as the capacitor CPWMRMP between PWMRMP and LGND. Choose the desired PWM ramp magnitude VRAMP and
the capacitor CPWMRMP in the range of 100pF and 470pF, and then calculate the resistor RPWMRMP from Equation
(17). To achieve feed-forward voltage mode control, the resistor RRAMP should be connected to the input of the
converter.
)]
ln(
)
[ln(
PWMRMP
DAC
IN
DAC
IN
PWMRMP
SW
IN
O
PWMRMP
V
V
V
V
V
C
f
V
V
R
−
−
−
−
⋅
⋅
⋅
=
(17)
Inductor Current Sensing Capacitor CCS+ and Resistors RCS+ and RCS-
The DC resistance of the inductor is utilized to sense the inductor current. Usually the resistor RCS+ and capacitor
CCS+ in parallel with the inductor are chosen to match the time constant of the inductor, and therefore the voltage
across the capacitor CCS+ represents the inductor current. If the two time constants are not the same, the AC
component of the capacitor voltage is different from that of the real inductor current. The time constant mismatch
does not affect the average current sharing among the multiple phases, but affect the current signal ISHARE as well
as the output voltage during the load current transient if adaptive voltage positioning is adopted.
Measure the inductance L and the inductor DC resistance RL. Pre-select the capacitor CCS+ and calculate RCS+ as
follows.
+
+ =
CS
L
CS
C
R
L
R
(18)
The bias current flowing out of the non-inverting input of the current sense amplifier creates a voltage drop across
RCS+, which is equivalent to an input offset voltage of the current sense amplifier. The offset affects the accuracy of
converter current signal ISHARE as well as the accuracy of the converter output voltage if adaptive voltage
positioning is adopted. To reduce the offset voltage, a resistor RCS- should be added between the amplifier inverting
input and the converter output. The resistor RCS- is determined by the ratio of the bias current from the non-inverting
input and the bias current from the inverting input.
+
−
+
−
⋅
=
CS
CSIN
CSIN
CS
R
I
I
R
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com