Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWCSLPM2.PC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KWCSLPM2.PC
Description  OSLON Square Flat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWCSLPM2.PC Datasheet(HTML) 1 Page - OSRAM GmbH

  KWCSLPM2.PC Datasheet HTML 1Page - OSRAM GmbH KWCSLPM2.PC Datasheet HTML 2Page - OSRAM GmbH KWCSLPM2.PC Datasheet HTML 3Page - OSRAM GmbH KWCSLPM2.PC Datasheet HTML 4Page - OSRAM GmbH KWCSLPM2.PC Datasheet HTML 5Page - OSRAM GmbH KWCSLPM2.PC Datasheet HTML 6Page - OSRAM GmbH KWCSLPM2.PC Datasheet HTML 7Page - OSRAM GmbH KWCSLPM2.PC Datasheet HTML 8Page - OSRAM GmbH KWCSLPM2.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2017-09-22
1
2017-09-22
OSLON Square Flat
Datasheet
Version 1.0
KW CSLPM2.PC
The most compact 3 x 3 mm high power LED with an
electrically isolated thermal pad allows for superior
heat dissipation designs. The flat package shape
enhances color homogeneity due to reduced color
over angle variation. Extremely low thermal resistance
helps to maintain the efficiency remarkably high even
when driven at higher currents.
Die kompakte 3 x 3 mm Hochleistungs-LED mit
elektrisch isoliertem Wärmekontakt für beste
Wärmeableitung. Das flache Gehäuse garantiert eine
sehr gute Farbhomogenität über den gesamten
Abstrahlwinkel. Ein extrem niedriger thermischer
Widerstand ermöglicht gute Wirkungsgrade auch im
Betrieb bei hohen Strömen.
Features:
Besondere Merkmale:
•
Package: Ceramic package
•
Gehäusetyp: Keramikgehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931
(white); CTR = 5700 K - 6500 K; CRI (min.) = 70
•
Farbe: Cx = 0.32, Cy = 0.33 nach CIE 1931 (weiß);
CTR = 5700 K - 6500 K; CRI (min.) = 70
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Applications
Anwendungen
•
Working lamp
•
Arbeitsscheinwerfer
•
Retrofit
•
Retrofit
•
Industrial illumination
•
Industrie-Beleuchtung
•
Transportation
•
Verkehrsmittel


Similar Part No. - KWCSLPM2.PC

ManufacturerPart #DatasheetDescription
logo
ams AG
KWCSLPM2.CC AMSCO-KWCSLPM2.CC Datasheet
1Mb / 26P
This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
Version 1.5 2023-07-03
KWCSLPM2.CC-8L8M-4L8N AMSCO-KWCSLPM2.CC-8L8M-4L8N Datasheet
1Mb / 26P
This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
Version 1.5 2023-07-03
KWCSLPM2.CC-8L8M-4O9Q AMSCO-KWCSLPM2.CC-8L8M-4O9Q Datasheet
1Mb / 26P
This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
Version 1.5 2023-07-03
KWCSLPM2.CC-8L8M-4R9T AMSCO-KWCSLPM2.CC-8L8M-4R9T Datasheet
1Mb / 26P
This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
Version 1.5 2023-07-03
More results

Similar Description - KWCSLPM2.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LSH9PP OSRAM-LSH9PP Datasheet
725Kb / 22P
OSLON Black Flat
SFH4735 OSRAM-SFH4735 Datasheet
629Kb / 13P
OSLON Black Flat
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
LCYH9PP OSRAM-LCYH9PP Datasheet
1Mb / 23P
OSLON Black Flat
LAH9PP OSRAM-LAH9PP Datasheet
747Kb / 22P
OSLON Black Flat
LRH9PP OSRAM-LRH9PP Datasheet
726Kb / 22P
OSLON Black Flat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com