Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRG6SP Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LRG6SP
Description  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG6SP Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LRG6SP_17 Datasheet HTML 8Page - OSRAM GmbH LRG6SP_17 Datasheet HTML 9Page - OSRAM GmbH LRG6SP_17 Datasheet HTML 10Page - OSRAM GmbH LRG6SP_17 Datasheet HTML 11Page - OSRAM GmbH LRG6SP_17 Datasheet HTML 12Page - OSRAM GmbH LRG6SP_17 Datasheet HTML 13Page - OSRAM GmbH LRG6SP_17 Datasheet HTML 14Page - OSRAM GmbH LRG6SP_17 Datasheet HTML 15Page - OSRAM GmbH LRG6SP_17 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
2017-06-27
12
Version 1.0
LR G6SP - Dual Binning
Recommended Solder Pad 8) page 20
Reflow soldering
Empfohlenes Lötpaddesign 8) Seite 20
Reflow-Löten
Note:
For superior solder joint connectivity results we
recommend soldering under standard nitrogen
atmosphere.
Package not suitable for ultra sonic cleaning.
Anm.:
Um eine verbesserte Lötstellenkontaktierung zu
erreichen, empfehlen wir, unter Standard-
Stickstoffatmosphäre zu löten.
Das Gehäuse ist für Ultraschallreinigung nicht
geeignet.
Package
marking
0.6 (0.024)
Lötstopplack
Solder resist
0.35 (0.014)
A
A
min 9 mm per anode pad for
improved heat dissipation
C
A
A
2
0.8 (0.031)
OHLPY925
0.35 (0.014)
0.8 (0.031)
Package
marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com