Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG6SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSG6SP
Description  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSG6SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LSG6SP Datasheet HTML 1Page - OSRAM GmbH LSG6SP Datasheet HTML 2Page - OSRAM GmbH LSG6SP Datasheet HTML 3Page - OSRAM GmbH LSG6SP Datasheet HTML 4Page - OSRAM GmbH LSG6SP Datasheet HTML 5Page - OSRAM GmbH LSG6SP Datasheet HTML 6Page - OSRAM GmbH LSG6SP Datasheet HTML 7Page - OSRAM GmbH LSG6SP Datasheet HTML 8Page - OSRAM GmbH LSG6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-10-23
1
2014-10-23
Advanced Power TOPLED
Datasheet
Version 1.1
LS G6SP
Advanced Power TOPLED features a compact
package with a wide brightness range and high
luminous efficiency.
Advanced Power TOPLED verfügt über eine
platzsparende Bauform mit einer breiten Spanne an
Helligkeit und hoher Lichtausbeute.
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser,
klarer Silikon Verguss
• Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: super red (630 nm)
•
Farbe: super rot (630 nm)
• Optical efficiency (typ.): 74 lm/W (super red)
•
Optischer Wirkungsgrad (typ.): 74 lm/W (super
rot)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Backlighting
•
Hinterleuchtung
• Signaling
•
Signalanlagen
• Exterior Automotive Lighting
•
Automobilbeleuchtung außen
• Automotive Interior Lighting
•
Automobilbeleuchtung innen


Similar Part No. - LSG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Automotive Interior Lighting
LSG6SP.01 OSRAM-LSG6SP.01 Datasheet
1Mb / 21P
Signalling
LSG6SP.01-5D7E-67-G3R3 OSRAM-LSG6SP.01-5D7E-67-G3R3 Datasheet
1Mb / 21P
Signalling
LSG6SP.01-7C8D-78-G3R3 OSRAM-LSG6SP.01-7C8D-78-G3R3 Datasheet
1Mb / 21P
Signalling
More results

Similar Description - LSG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBG6SP OSRAM-LBG6SP Datasheet
253Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LWG6SP OSRAM-LWG6SP Datasheet
257Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LRG6SP OSRAM-LRG6SP_17 Datasheet
679Kb / 21P
Advanced Power TOPLED
LTG5AP OSRAM-LTG5AP Datasheet
519Kb / 19P
Advanced Power TOPLED Plus
LTG6SP OSRAM-LTG6SP_15 Datasheet
663Kb / 22P
Advanced Power TOPLED
LCYG6SP OSRAM-LCYG6SP Datasheet
640Kb / 22P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_16 Datasheet
471Kb / 21P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
Advanced Power TOPLED
LRG6SP OSRAM-LRG6SP_18 Datasheet
958Kb / 21P
Advanced Power TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com