Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM67K Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSM67K
Description  Mini TOPLED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSM67K Datasheet(HTML) 1 Page - OSRAM GmbH

  LSM67K Datasheet HTML 1Page - OSRAM GmbH LSM67K Datasheet HTML 2Page - OSRAM GmbH LSM67K Datasheet HTML 3Page - OSRAM GmbH LSM67K Datasheet HTML 4Page - OSRAM GmbH LSM67K Datasheet HTML 5Page - OSRAM GmbH LSM67K Datasheet HTML 6Page - OSRAM GmbH LSM67K Datasheet HTML 7Page - OSRAM GmbH LSM67K Datasheet HTML 8Page - OSRAM GmbH LSM67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2014-10-30
1
2014-10-30
Mini TOPLED
Datasheet
Version 1.3
LS M67K
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
•
Technologie: InGaAlP
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: super red (630 nm)
•
Farbe: super rot (630 nm)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
•
Optischer Indikator
• Coupling into light guides
•
Einkopplung in Lichtleiter
• Backlighting
•
Hinterleuchtung
• Automotive Interior Lighting
•
Automobilbeleuchtung innen


Similar Part No. - LSM67K

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LSM67K-H2K1 TO-GRACE-LSM67K-H2K1 Datasheet
1Mb / 11P
Low Current Mini SMD LED
LSM67K-H2L1 TO-GRACE-LSM67K-H2L1 Datasheet
1Mb / 11P
Low Current Mini SMD LED
logo
OSRAM GmbH
LSM67K-H2L1-1 OSRAM-LSM67K-H2L1-1 Datasheet
500Kb / 20P
Optical Indicator
logo
HK TO-GRACE TECHNOLOGY ...
LSM67K-J2L1 TO-GRACE-LSM67K-J2L1 Datasheet
1Mb / 11P
Low Current Mini SMD LED
More results

Similar Description - LSM67K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
Mini TOPLED
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
Mini TOPLED
LSM670 OSRAM-LSM670 Datasheet
478Kb / 19P
Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
Mini TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com