Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2435
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2435 Datasheet HTML 9Page - Linear Technology LTC2435 Datasheet HTML 10Page - Linear Technology LTC2435 Datasheet HTML 11Page - Linear Technology LTC2435 Datasheet HTML 12Page - Linear Technology LTC2435 Datasheet HTML 13Page - Linear Technology LTC2435 Datasheet HTML 14Page - Linear Technology LTC2435 Datasheet HTML 15Page - Linear Technology LTC2435 Datasheet HTML 16Page - Linear Technology LTC2435 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTC2435/LTC2435-1
13
24351fa
APPLICATIO S I FOR ATIO
The LTC2435/LTC2435-1 perform a full-scale calibration
every conversion cycle. This calibration is transparent to
the user and has no effect on the cyclic operation de-
scribed above. The advantage of continuous calibration is
extreme stability of full-scale readings with respect to time,
supply voltage change and temperature drift.
Unlike the LTC2430, the LTC2435 and LTC2435-1 do not
perform an offset calibration every conversion cycle. This
enables the LTC2435/LTC2435-1 to double their output
rate while maintaining line frequency rejection. The initial
offset of the LTC2435/LTC2435-1 is within 5mV indepen-
dent of VREF.BasedontheLTC2435/LTC2435-1newmodu-
lator architecture, the temperature drift of the offset is less
than 100nV/°C. More information on the LTC2435/
LTC2435-1 offset is described in the Offset Accuracy and
Drift section of this data sheet.
Power-Up Sequence
The LTC2435/LTC2435-1 automatically enter an internal
reset state when the power supply voltage VCC drops
below approximately 2.2V. This feature guarantees the
integrity of the conversion result and of the serial interface
mode selection. (See the 2-wire I/O sections in the Serial
Interface Timing Modes section.)
When the VCC voltage rises above this critical threshold,
the converter creates an internal power-on-reset (POR)
signal with a duration of approximately 1ms. The POR
signal clears all internal registers. Following the POR
signal, the LTC2435/LTC2435-1 start a normal conversion
cycle and follow the succession of states described above.
The first conversion result following POR is accurate
within the specifications of the device if the power supply
voltage is restored within the operating range (2.7V to
5.5V) before the end of the POR time interval.
Reference Voltage Range
These converters accept a truly differential external refer-
ence voltage. The absolute/common mode voltage speci-
fication for the REF+ and REF– pins covers the entire range
from GND to VCC. For correct converter operation, the
REF+ pin must always be more positive than the REF– pin.
The LTC2435/LTC2435-1 can accept a differential refer-
ence voltage from 0.1V to VCC. The converter output noise
is determined by the thermal noise of the front-end cir-
cuits, and as such, its value is nearly constant with
reference voltage. A decrease in reference voltage will not
significantly improve the converter’s effective resolution.
On the other hand, a reduced reference voltage will im-
prove the converter’s overall INL performance. A reduced
reference voltage will also improve the converter perfor-
mance when operated with an external conversion clock
(external FO signal) at substantially higher output data
rates (see the Output Data Rate section).
Input Voltage Range
The analog input is truly differential with an absolute/
common mode range for the IN+ and IN– input pins
extending from GND – 0.3V to VCC + 0.3V. Outside
these limits, the ESD protection devices begin to turn on
and the errors due to input leakage current increase
rapidly. Within these limits, the LTC2435/LTC2435-1 con-
vert the bipolar differential input signal, VIN = IN+ – IN–,
from – FS = – 0.5 • VREF to +FS = 0.5 • VREF where VREF =
REF+ – REF–. Outside this range, the converters indicate
the overrange or the underrange condition using distinct
output codes.
Input signals applied to IN+ and IN– pins may extend by
300mV below ground and above VCC. In order to limit any
fault current, resistors of up to 5k may be added in series
with the IN+ and IN– pins without affecting the perfor-
mance of the device. In the physical layout, it is important
to maintain the parasitic capacitance of the connection
between these series resistors and the corresponding pins
as low as possible; therefore, the resistors should be
located as close as practical to the pins. The effect of the
series resistance on the converter accuracy can be evalu-
ated from the curves presented in the Input Current/
Reference Current sections. In addition, series resistors
will introduce a temperature dependent offset error due to
the input leakage current. A 1nA input leakage current will
develop a 1ppm offset error on a 5k resistor if VREF = 5V.
This error has a very strong temperature dependency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com