Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2435 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2435
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2435 Datasheet HTML 2Page - Linear Technology LTC2435 Datasheet HTML 3Page - Linear Technology LTC2435 Datasheet HTML 4Page - Linear Technology LTC2435 Datasheet HTML 5Page - Linear Technology LTC2435 Datasheet HTML 6Page - Linear Technology LTC2435 Datasheet HTML 7Page - Linear Technology LTC2435 Datasheet HTML 8Page - Linear Technology LTC2435 Datasheet HTML 9Page - Linear Technology LTC2435 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC2435/LTC2435-1
6
24351fa
Total Unadjusted Error (VCC = 5V,
VREF = 5V)
Total Unadjusted Error (VCC = 5V,
VREF = 2.5V)
Total Unadjusted Error (VCC = 2.7V,
VREF = 2.5V)
Integral Nonlinearity (VCC = 5V,
VREF = 5V)
Integral Nonlinearity (VCC = 5V,
VREF = 2.5V)
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
–2.5
–340
–345
–350
–355
–360
1.5
2435 G01
–1.5
–0.5
0.5
2.5
FO = GND
VCC = 5V
VREF = 5V
VINCM = VINCM = 2.5V
TA = –45°C
TA = 25°C
TA = 85°C
INPUT VOLTAGE (V)
–1.25
–680
–685
–690
–695
–700
–705
–710
–0.75
–0.25
0.25
0.75
2435 G02
1.25
FO = GND
VCC = 5V
VREF = 2.5V
VINCM = VINCM = 1.25V
TA = –45°C
TA = 25°C
TA = 85°C
–320
–330
–340
–350
–360
FO = GND
VCC = 2.7V
VREF = 2.5V
VINCM = VINCM = 1.25V
INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
0.25
0.75
2435 G03
1.25
TA = –45°C
TA = 25°C
TA = 85°C
10
8
6
4
2
0
–2
–4
–6
–8
–10
INPUT VOLTAGE (V)
–2.5
–1.5
–0.5
0.5
1.5
2435 G04
2.5
FO = GND
VCC = 5V
VREF = 5V
VINCM = VINCM = 2.5V
TA = –45°C
TA = 25°C
TA = 85°C
3
2
1
0
–1
–2
–3
FO = GND
VCC = 5V
VREF = 2.5V
VINCM = VINCM = 1.25V
TA = –45°C
TA = 25°C
TA = 85°C
INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
0.25
0.75
2435 G05
1.25
10
8
6
4
2
0
–2
–4
–6
–8
–10
FO = GND
VCC = 2.7V
VREF = 2.5V
VINCM = VINCM = 1.25V
INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
0.25
0.75
2435 G06
1.25
TA = –45°C
TA = 25°C
TA = 85°C
GAUSSIAN
DISTRIBUTION
m = –365ppm
σ = 1.55ppm
10,000 CONSECUTIVE READINGS
VCC = 2.7V
VREF = 2.5V
VIN = 0V
VINCM = 2.5V
FO = GND
TA = 25°C
OUTPUT CODE (ppm OF VREF)
–372 –370 –368 –366 –364 –362 –360 –358
14
12
10
8
6
4
2
0
2435 G08
Integral Nonlinearity (VCC = 2.7V,
VREF = 2.5V)
OUTPUT CODE(ppm OF VREF)
–330
–328
–326 –325
–321
2435 G07
–329
–327
–324 –323 –322
30
25
20
15
10
5
0
GAUSSIAN
DISTRIBUTION
m = –325.4ppm
σ = 0.79ppm
10,000 CONSECUTIVE READINGS
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = 2.5V
FO = GND
TA = 25°C
Noise Histogram (Output Rate =
15Hz, VCC = 5V, VREF = 5V)
Noise Histogram (Output Rate =
15Hz, VCC = 2.7V, VREF = 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com