Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSM4
Description  5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix TSM4 Datasheet HTML 4Page - Vishay Siliconix TSM4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM4
www.vishay.com
Vishay Sfernice
Revision: 12-Jan-17
2
Document Number: 51009
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
11 turns ± 2
Resistance range
10
 to 1 M
Standard series
1 - 2 - 5
Tolerance standard
± 10 %
Power rating
Linear
0.25 W at 70 °C
Circuit diagram
Temperature coefficient
See Standard Resistance Element table
Limiting element voltage (linear law)
200 V
Contact resistance variation (typical)
2 % or 3
End resistance (typical)
1
Dielectric strength (RMS)
600 V
Insulation resistance (500 VDC)106 M
MECHANICAL SPECIFICATIONS
Mechanical travel
13 turns ± 2
Operating torque (max. Ncm)
1
End stop torque (Ncm)
Clutch action (2 turns max.)
Unit weight (max. g)
0.15
Wiper (actual travel)
Positioned at approx. 50 %
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/125/56
Sealing
Sealed container IP67
MSL level
1
SOLDERING RECOMMENDATIONS
Recommended reflow profile 2, see Application Note www.vishay.com/doc?52029
0.25
0.125
0
0
155
AMBIENT TEMPERATURE IN °C
50
70
100
a
(1)
b
(2)
c
(3)
cw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com