Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSM4
Description  5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix TSM4 Datasheet HTML 4Page - Vishay Siliconix TSM4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSM4
www.vishay.com
Vishay Sfernice
Revision: 12-Jan-17
3
Document Number: 51009
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT
R
1-2/R1-2
OTHER
Electrical endurance
1000 h at rated power
90'/30' - ambient temp. 70 °C
± 2 %
± 3 %
Contact res. variation:
 < 1 % Rn
Climatic sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 2 %
± 3 %
Dielectric strength: 600 VRMS
Insulation resistance: > 104 M
Damp heat, steady state
Temperature 40 °C - RH 93 %
56 days
± 2 %
± 3 %
Dielectric strength: 600 VRMS
Insulation resistance: > 104 M
Change of temperature
-55 °C to +125 °C
5 cycles
± 1 %
V
1-2/V1-3  ± 2 %
Mechanical endurance
100 cycles - rated power
± (3 % + 3
)
Shock
50 g - 11 ms
3 successive shocks in 3 directions
± 1 %
V
1-2/V1-3  ± 1 %
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g - 6 h
± 1 %
V
1-2/V1-3  ± 1 %
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
-55 °C
+125 °C
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. CURRENT
THROUGH ELEMENT
W
V
mA
ppm/°C
10
0.25
1.58
158
± 100
20
0.25
2.23
112
50
0.25
3.53
77
100
0.25
5.00
50
200
0.25
7.07
35
500
0.25
11.2
22
1K
0.25
15.8
15.8
2K
0.25
22.3
11.2
5K
0.25
35.3
7.1
10K
0.25
50.0
5.0
20K
0.25
70.7
3.5
50K
0.25
112
2.2
100K
0.25
158
1.6
200K
0.25
200
1.0
500K
0.08
200
0.4
1M
0.04
200
0.2
MARKING
Vishay trademark, ohmic value, manufacturing date
The ohmic value is indicated by a 3 figure code, the first two are significant figures, the third one is the multiplier.
Example:
100 = 10

101 = 100

102 = 1000

503 = 50 000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com