Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1X Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S1X
Description  Standard Recovery SMD Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S1X Datasheet(HTML) 1 Page - Diotec Semiconductor

  S1X Datasheet HTML 1Page - Diotec Semiconductor S1X Datasheet HTML 2Page - Diotec Semiconductor S1X Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S1A ... S1Y
S1A ... S1Y
Standard Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit Standard-Sperrverzug
IFAV = 1 A
VF
< 1.1 V
Tjmax = 150°C
VRRM = 50...2000 V
IFSM = 30/32 A
trr
~ 1500 ns
Version 2017-03-22
~ SMA / ~ DO-214AC
Dimensions - Maße [mm]
Typical Applications
50/60 Hz Mains Rectification,
Power Supplies, Polarity Protection
Commercial grade 1)
Typische Anwendungen
50/60 Hz Netzgleichrichtung,
Stromversorgungen, Verpolschutz
Standardausführung 1)
Features
VRRM up to 2000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 2000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
7500 / 13“
Gegurtet auf Rolle
Weight approx.
0.07 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
S1A
50
50
S1B
100
100
S1D
200
200
S1G
400
400
S1J
600
600
S1K
800
800
S1M
1000
1000
S1T
1300
1300
S1W
1600
1600
S1X
1800
1800
S1Y
2000
2000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
TT = 100°C
IFRM
6 A
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
30 A
32 A
Rating for fusing – Grenzlastintegral
t < 10 ms
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.15
1± 0.3
4.5± 0.3
5± 0.2
Pb
RoHS


Similar Part No. - S1X

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S1X DIOTEC-S1X Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Semikron International
S1X SEMIKRON-S1X Datasheet
148Kb / 2P
Standard silicon rectifier diodes
S1X SEMIKRON-S1X Datasheet
189Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
S1X DIOTEC-S1X Datasheet
113Kb / 2P
Surface Mount Silicon Rectifier Diodes
S1X DIOTEC-S1X Datasheet
151Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results

Similar Description - S1X

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A_15 Datasheet
141Kb / 2P
Standard Recovery SMD Rectifier Diodes
M1 DIOTEC-M1_15 Datasheet
149Kb / 2P
Standard Recovery SMD Rectifier Diodes
S3A DIOTEC-S3A_15 Datasheet
145Kb / 2P
Standard Recovery SMD Rectifier Diodes
SL1A DIOTEC-SL1A_15 Datasheet
145Kb / 2P
Standard Recovery SMD Rectifier Diodes
S5A DIOTEC-S5A_17 Datasheet
151Kb / 2P
Standard Recovery SMD Rectifier Diodes
S16ASD2 DIOTEC-S16ASD2_17 Datasheet
162Kb / 2P
Standard Recovery SMD Rectifier Diodes
S1A DIOTEC-S1A_18 Datasheet
157Kb / 2P
Standard Recovery SMD Rectifier Diodes
S1YL DIOTEC-S1YL Datasheet
163Kb / 3P
Standard Recovery SMD Rectifier Diodes
S3ASMB DIOTEC-S3ASMB_18 Datasheet
151Kb / 2P
Standard Recovery SMD Rectifier Diodes
S1YL DIOTEC-S1YL_19 Datasheet
159Kb / 3P
Standard Recovery SMD Rectifier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com