Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST776 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LST776
Description  TOPLED RG
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LST776 Datasheet(HTML) 1 Page - OSRAM GmbH

  LST776 Datasheet HTML 1Page - OSRAM GmbH LST776 Datasheet HTML 2Page - OSRAM GmbH LST776 Datasheet HTML 3Page - OSRAM GmbH LST776 Datasheet HTML 4Page - OSRAM GmbH LST776 Datasheet HTML 5Page - OSRAM GmbH LST776 Datasheet HTML 6Page - OSRAM GmbH LST776 Datasheet HTML 7Page - OSRAM GmbH LST776 Datasheet HTML 8Page - OSRAM GmbH LST776 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-06-28
1
2013-06-28
TOPLED RG
Datasheet
Version 1.0 (Replacement in due course)
LS T776
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
• Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: super red (633 nm)
• Farbe: super rot (633 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Coupling into Light Guides
• Einkopplung in Lichtleiter


Similar Part No. - LST776

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
logo
ams AG
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
logo
Siemens Semiconductor G...
LST776-NR SIEMENS-LST776-NR Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
LST776-P SIEMENS-LST776-P Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
logo
ams AG
LST776-P2S1-1 AMSCO-LST776-P2S1-1 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
More results

Similar Description - LST776

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM770 SIEMENS-LSM770 Datasheet
488Kb / 8P
Mini TOPLED RG
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LST770 SIEMENS-LST770 Datasheet
493Kb / 8P
TOPLED RG
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LP-T776-L1M2-25-Z OSRAM-LP-T776-L1M2-25-Z Datasheet
429Kb / 19P
TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
TOPLED RG
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
TOPLED RG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com