Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC50462S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC50462S
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC50462S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC50462S Datasheet HTML 1Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 2Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 3Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 4Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 5Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 6Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 7Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 8Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Silan
Semiconductors
SC50462
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
2
PIN CONFIGURATION
SC50462
15
16
14
12
13
2
1
3
5
4
6
7
8
9
10
11
19
20
18
17
23
24
22
21
Vss
OSCI
OSCO
CNTR
S1
S2
S3
S4
S5
S6
S7
S8
I1
I2
I3
I4
I5
I6
I7
I8
C4
C5
OUT
Vcc
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 ~ 5.5
V
Input Voltage
VIN
Vss-0.3V ~ VCC+0.3V
V
Output Voltage
VOUT
Vss ~ VCC
V
Power Dissipation
PD
300
mW
Operating Temperature
Topr
-10 ~ +70
°C
Storage Temperature
Tstg
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS(Tamb=25°C VCC=3.0V,Vss=0,Unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Supply Voltage
VCC
Ta=20 ~ 70
°C
1.5
3
5
V
Operating Supply Current
ICC1
Fosc=455kHz
0.3
mA
Stand-by Current
ICC2
1
µA
Pull-Up Resistor(I1~I8)
Rup
100
250
400
k
Pull-Up Resistor(
4
C
, 5
C )
Rup
200
350
500
k
Output Current(S1~S8)
IOL
VOL=1.2V
-0.2
mA
High level Output Current( OUT )
IOH
VOH=2V
5
mA
Low level Output Current( OUT )
IOL
VOL=1V
-3
mA
High level Output Current( CNTR )
IOH
VOH=2V
1
mA
Low level Output Current( CNTR )
IOL
VOL=1V
-3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com