Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC50462S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SC50462S
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC50462S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SC50462S Datasheet HTML 4Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 5Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 6Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 7Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 8Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 9Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 10Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 11Page - List of Unclassifed Manufacturers SC50462S Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Silan
Semiconductors
SC50462
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
9
CHIP TOPOGRAPHY
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
23
24
size: 1.96 x 2.07mm
2
PAD COORDINATES (Unit: µm)
No.
Symbol
X
Y
No.
Symbol
X
Y
1
P1
-904.75
-122.00
13
P13
906.00
54.50
2
P2
-904.75
-258.25
14
P14
906.00
154.00
3
P3
-904.75
-709.00
15
P15
906.00
362.50
4
P4
-450.25
-851.25
16
P16
906.00
571.00
5
P5
-200.25
-851.25
17
P17
739.00
854.75
6
P6
80.75
-851.25
18
P18
530.50
854.75
7
P7
220.75
-851.25
19
P19
322.00
854.75
8
P8
501.75
-851.25
20
P20
113.50
854.75
9
P9
641.75
-851.25
21
P21
-564.75
854.75
10
P10
906.00
-615.50
22
P22
-773.25
854.75
11
P11
906.00
-475.50
23
P23
-904.75
248.00
12
P12
906.00
-194.50
24
P24
-857.00
12.00
Note: The original point of the coordinate is the die center.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com