Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCP03
Description  Transient voltage suppressor for dual voltage SLIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP03 Datasheet(HTML) 1 Page - STMicroelectronics

  LCP03 Datasheet HTML 1Page - STMicroelectronics LCP03 Datasheet HTML 2Page - STMicroelectronics LCP03 Datasheet HTML 3Page - STMicroelectronics LCP03 Datasheet HTML 4Page - STMicroelectronics LCP03 Datasheet HTML 5Page - STMicroelectronics LCP03 Datasheet HTML 6Page - STMicroelectronics LCP03 Datasheet HTML 7Page - STMicroelectronics LCP03 Datasheet HTML 8Page - STMicroelectronics LCP03 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
October 2013
DocID025369 Rev 1
1/9
LCP03
Transient voltage suppressor for dual voltage SLIC
Datasheet
− production data
Figure 1. Functional diagram
Figure 2. Pin-out configuration
Features
• Protection IC recommended for ringing SLICs
• Negative stand-off voltage: VR = - 53 V
• Positive stand-off voltage: VR = 83 V
• Peak pulse current: IPP = 60 A (5/310 µs)
• Holding current: IH = 150 mA min.
Applications
• Central office (CO)
• Private branch exchange (PBX)
• Digital loop carrier (DLC)
• Digital subscriber line access multiplexer
(DSLAM)
• Fiber in the Loop (FITL)
• Wireless local loop (WLL)
• Hybrid fiber coax (HFC)
• ISDN terminal adapter
• Cable modem
Description
The LCP03 has been developed to protect SLICs
operating on both negative and positive battery
supplies. It provides crowbar mode protection for
both TIP and RING lines. The surge suppression
is assumed for each wire by two thyristor
structures, one dedicated to positive surges the
second one for negative surges.
LCP03 can be used to help equipment to meet
various standards such as UL1950, IEC 60950 /
CSAC22.2, UL1459 and TIA-968-A (formerly FCC
part68). A Trisil™ meets UL94 V0. (Trisils are
UL497B approved - file: E136224).
TM: Trisil is a trademark of STMicroelectronics
SO-8
LCP03
TIP
NC
NC
RING
NC
GND
GND
NC
GND
TIP
NC
NC
RING
NC
NC
GND
www.st.com


Similar Part No. - LCP03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP02 STMICROELECTRONICS-LCP02 Datasheet
211Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
LCP02-150B1 STMICROELECTRONICS-LCP02-150B1 Datasheet
72Kb / 8P
PROTECTION IC FOR RINGING SLICS
Sep-2000
LCP02-150B1RL STMICROELECTRONICS-LCP02-150B1RL Datasheet
72Kb / 8P
PROTECTION IC FOR RINGING SLICS
Sep-2000
LCP02-150M STMICROELECTRONICS-LCP02-150M Datasheet
122Kb / 10P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
31-Oct-2006
LCP02-150M-TR STMICROELECTRONICS-LCP02-150M-TR Datasheet
122Kb / 10P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
31-Oct-2006
More results

Similar Description - LCP03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Aug-2001
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
Dual line programmable transient voltage suppressor for SLIC protection
09-Feb-2017
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com