Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP03 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCP03
Description  Transient voltage suppressor for dual voltage SLIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP03 Datasheet(HTML) 3 Page - STMicroelectronics

  LCP03 Datasheet HTML 1Page - STMicroelectronics LCP03 Datasheet HTML 2Page - STMicroelectronics LCP03 Datasheet HTML 3Page - STMicroelectronics LCP03 Datasheet HTML 4Page - STMicroelectronics LCP03 Datasheet HTML 5Page - STMicroelectronics LCP03 Datasheet HTML 6Page - STMicroelectronics LCP03 Datasheet HTML 7Page - STMicroelectronics LCP03 Datasheet HTML 8Page - STMicroelectronics LCP03 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID025369 Rev 1
3/9
LCP03
Characteristics
9
Figure 3. Pulse waveform
Figure 4. Relative variation of holding current versus junction temperature
Table 3. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IHN
Negative holding current
150
mA
IRN
Leakage current at VR-
5µA
IRP
Leakage current at VR+
5µA
VBOP
Positive
breakover voltage
1.5 kV
10/700 µs
Rs = 20
Ω
110
V
VBON
Negative
breakover voltage
75
C
Capacitance
VR = 50 V bias, VRMS = 1 V, F = 1 MHz
10
pF
VR = 2 V bias, VRMS = 1 V, F = 1 MHz
22
pF
100
50
%I
PP
t
t
r
p
0
t
IH[T j]/IH[T j=25 °C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-40
-20
0
20
40
60
80
100
120
140
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com