Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # AMT-2
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AMT-2 Datasheet(HTML) 1 Page - Mini-Circuits

  AMT-2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
Max.
Max.
Typ. Min.
Typ. Max.
50-200
35
20
0.8
1.2
2
0.3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
A
B
C
D
E
F
G
.272
.310
.220
.100
.162
.055
.100
6.91
7.87
5.59
2.54
4.11
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.25
AMT-2+
2 Way-0°/180°
50Ω
50 to 200 MHz
Power Splitter/Combiner
Surface Mount
1
0
0
180
0
S
J
2
Typical Performance Data
Electrical Specifications
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
0.5W max.
Internal Dissipation
0.125W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
REV. D
M151107
AMT-2+
ED-7382/2
HY/TD/CP/AM
150527
CASE STYLE: CD636
Features
• low insertion S-1 and S-2, 0.25 dB typ;
J-1 and J-2, 0.8 dB typ.
• very good input VSWR, 1.10 typ. and good output
VSWR, 1.12 typ.
• excellent amplitude unbalance, 0.1 dB typ.
• excellent phase unbalance, 1 deg. typ.
• high isolation S-J ports and 1-2 ports, 35 dB typ.
• protected under US Patent 6,133,525
Applications
• satellite
• IF receiver
Pin Connections
SUM PORT
3
PORT 1
6
PORT 2
4
PORT J
1
GROUND
2,5
Demo Board MCL P/N: TB-211
Suggested PCB Layout (PL-097)
3.1
3.2
3.3
3.4
3.5
3.6
50
80
110
140
170
200
FREQUENCY (MHz)
AMT-2+
TOTAL LOSS
S-1(dB)
S-2(dB)
30
35
40
45
50
55
50
80
110
140
170
200
FREQUENCY (MHz)
AMT-2+
ISOLATION
1-2
S-J
1.0
1.1
1.2
1.3
1.4
1.5
50
80
110
140
170
200
FREQUENCY (MHz)
AMT-2+
VSWR
#S-VSWR
#1-VSWR
#2-VSWR
Freq.
(MHz)
Total Loss1
(dB)
Amplitude
Unbal. (dB)
Insertion Loss
(dB)
Amplitude
Unbal. (dB)
Isolation
(dB)
Phase
Unbal. (deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
(S-1)-(S-2)
J-1
J-2
(J-1)-(J-2)
1-2
S-J
(S-1)-(S-2) (J-1)-(J-2)
50.00
3.24
3.22
0.02
3.76
3.77
0.00
32.71
44.00
0.05
179.87
1.06
1.14
1.11
60.00
3.24
3.22
0.02
3.76
3.77
0.00
33.84
42.49
0.06
179.87
1.06
1.14
1.11
70.00
3.25
3.22
0.03
3.77
3.77
0.01
34.86
41.16
0.02
179.81
1.07
1.15
1.11
80.00
3.26
3.22
0.04
3.77
3.77
0.01
35.78
40.00
0.05
179.80
1.08
1.16
1.11
90.00
3.27
3.22
0.05
3.77
3.78
0.02
36.61
38.99
0.04
179.79
1.09
1.17
1.11
100.00
3.29
3.23
0.05
3.78
3.79
0.01
37.39
38.05
0.02
179.79
1.10
1.18
1.12
110.00
3.30
3.24
0.06
3.78
3.81
0.02
38.10
37.21
0.05
179.79
1.11
1.19
1.12
120.00
3.31
3.24
0.07
3.80
3.82
0.02
38.74
36.45
0.02
179.75
1.12
1.21
1.13
130.00
3.33
3.24
0.09
3.80
3.82
0.02
39.36
35.71
0.00
179.73
1.13
1.22
1.14
140.00
3.34
3.24
0.10
3.81
3.84
0.03
39.94
35.04
0.02
179.69
1.14
1.23
1.14
150.00
3.35
3.25
0.11
3.81
3.85
0.03
40.36
34.44
0.02
179.68
1.15
1.24
1.15
170.00
3.38
3.25
0.13
3.82
3.87
0.05
41.30
33.27
0.09
179.72
1.17
1.27
1.16
180.00
3.40
3.26
0.14
3.83
3.88
0.05
41.67
32.75
0.06
179.68
1.18
1.28
1.17
190.00
3.42
3.27
0.16
3.84
3.90
0.06
42.03
32.22
0.10
179.68
1.19
1.30
1.18
200.00
3.43
3.26
0.17
3.85
3.91
0.06
42.39
31.74
0.15
179.68
1.20
1.32
1.19
- S-J ports, isolation 40 typical
- Inphase ports, S-1 and S-2 insertion loss 0.2 dB typical
- Amplitude unbalance defined by input S or J ports to output 1 and 2
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 3dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - AMT-2

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT-06C-1-036 CUI-AMT-06C-1-036 Datasheet
90Kb / 1P
UNLESS OTHERWISE SPECIFIED
AMT-06C-1-036 CUI-AMT-06C-1-036 Datasheet
151Kb / 1P
6405 SW Rosewood St, Suite C
4/13/2020
logo
Same Sky Devices
AMT-06C-1-036 SAMESKY-AMT-06C-1-036 Datasheet
132Kb / 1P
case_GND (green) is connected internally to GND (green/white)
09/12/2024
logo
CUI INC
AMT-06C-1-036-USB CUI-AMT-06C-1-036-USB Datasheet
84Kb / 1P
Back of Connector Housing
AMT-06C-1-036-USB CUI-AMT-06C-1-036-USB Datasheet
276Kb / 1P
20050 SW 112th Ave.
05/02/2019
More results

Similar Description - AMT-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com