Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W7F601-RK-10 Datasheet(PDF) 3 Page - Superworld Electronics

Part # W7F601-RK-10
Description  Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W7F601-RK-10 Datasheet(HTML) 3 Page - Superworld Electronics

  W7F601-RK-10 Datasheet HTML 1Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 2Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 3Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 4Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 5Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Common Mode Filter – W7F Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
06/12/2017
P3
7. Characteristics Curves:
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
Common Mode
Normal Mode
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
Common Mode
Normal Mode
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
Common Mode
Normal Mode
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
Common Mode
Normal Mode
W7F121-RN-10
W7F800-RN-10
W7F900-RN-10
W7F201-RK-10
W7F801-RJ-10
W7F601-RK-10
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
Common Mode
Normal Mode
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
Common Mode
Normal Mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com