Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W7F601-RK-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # W7F601-RK-10
Description  Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W7F601-RK-10 Datasheet(HTML) 5 Page - Superworld Electronics

  W7F601-RK-10 Datasheet HTML 1Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 2Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 3Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 4Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 5Page - Superworld Electronics W7F601-RK-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Common Mode Filter – W7F Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
06/12/2017
P5
9. Packaging Information:
9-1 Reel Dimension
9-2 Tape Dimension
Type
A(mm)
B(mm)
C(mm)
D(mm)
7”x12mm
13.5±0.5
60.0±2.0
13.5±0.5
178.0±2.0
Size
P(mm)
Po(mm)
P2(mm)
Bo(mm)
Ao(mm)
Ko(mm)
8.00±0.10
4.00±0.10
2.00±0.05
4.90±0.10
3.60±0.10
3.00±0.10
W7F
D(mm)
E(mm)
F(mm)
W(mm)
t(mm)
1.05+0.10/-0.00
1.75±0.10
5.50±0.05
12.00±0.10
0.26±0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com