Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8451 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8451
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8451 Datasheet HTML 8Page - Analog Devices AD8451 Datasheet HTML 9Page - Analog Devices AD8451 Datasheet HTML 10Page - Analog Devices AD8451 Datasheet HTML 11Page - Analog Devices AD8451 Datasheet HTML 12Page - Analog Devices AD8451 Datasheet HTML 13Page - Analog Devices AD8451 Datasheet HTML 14Page - Analog Devices AD8451 Datasheet HTML 15Page - Analog Devices AD8451 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Data Sheet
AD8451
DA CHARACTERISTICS
60
–40
–30
–20
–10
0
10
20
30
40
50
–10
–5
0
5
10
15
20
25
30
OUTPUT VOLTAGE (V)
AVCC = +25V
A
VEE = −5V
Figure 15. Input Common-Mode Voltage vs. Output Voltage
for AVCC = +25 V and AVEE = −5 V
0
–50
–40
–30
–20
–10
100
1k
10k
100k
1M
VALID FOR ALL RATED
SUPPLY VOLTAGES
FREQUENCY (Hz)
Figure 16. Gain vs. Frequency
0
–120
–100
–80
–60
–40
–20
100
1k
10k
100k
1M
FREQUENCY (Hz)
VALID FOR ALL RATED
SUPPLY VOLTAGES
Figure 17. CMRR vs. Frequency
50
–50
–40
–30
–20
–10
0
10
20
30
40
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
AVCC = +15V
A
VEE = −15V
Figure 18. Input Common-Mode Voltage vs. Output Voltage
for AVCC = +15 V and AVEE = −15 V
50
–200
–150
–100
–50
0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
Figure 19. Gain Error vs. Temperature
3
–3
–2
–1
0
1
2
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
Figure 20. Normalized CMRR vs. Temperature
Rev. 0 | Page 11 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com