Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8451 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8451
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8451 Datasheet HTML 20Page - Analog Devices AD8451 Datasheet HTML 21Page - Analog Devices AD8451 Datasheet HTML 22Page - Analog Devices AD8451 Datasheet HTML 23Page - Analog Devices AD8451 Datasheet HTML 24Page - Analog Devices AD8451 Datasheet HTML 25Page - Analog Devices AD8451 Datasheet HTML 26Page - Analog Devices AD8451 Datasheet HTML 27Page - Analog Devices AD8451 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Data Sheet
AD8451
POWER SUPPLY CONNECTIONS
The AD8451 requires two analog power supplies (AVCC and
AVEE), one digital power supply (DVCC), one analog ground
(AGND), and one digital ground (DGND). AVCC and AVEE
power all the analog blocks, including the IA, DA, and op amps,
and DVCC powers the MODE input logic. AGND provides a
reference and return path for the 2.5 V reference, and DGND
provides a reference and return path for the digital circuitry.
The rated absolute maximum value for AVCC − AVEE is 36 V,
and the minimum operating AVCC and AVEE voltages are +5 V
and −5 V, respectively. Due to the high PSRR of the AD8451
analog blocks, AVCC can be connected directly to the high current
power bus (the input voltage of the power converter) without
risking the injection of supply noise to the controller outputs.
A commonly used power supply combination is +15 V for
AVCC, −15 V for AVEE, and +5 V for DVCC. The +15 V rail
for AVCC provides enough headroom to the IA such that it can
be connected in a high-side current sensing configuration. The
−15 V rail for AVEE allows the DA to sense accidental reverse
battery conditions (see the Reverse Battery Conditions section).
Connect decoupling capacitors to all the supply pins. A 1 µF
capacitor in parallel with a 0.1 µF capacitor is recommended.
CURRENT SENSE IA CONNECTIONS
For a description of the IA, see the Theory of Operation section,
Figure 42, and Figure 44. The IA fixed gain is 26.
Current Sensors
Two common options for current sensors are isolated current
sensing transducers and shunt resistors. Isolated current sensing
transducers are galvanically isolated from the power converter
and are affected less by the high frequency noise generated by
switch mode power supplies. Shunt resistors are less expensive
and easier to deploy.
If a shunt resistor sensor is used, a 4-terminal, low resistance shunt
resistor is recommended. Two of the four terminals conduct the
battery current, whereas the other two terminals conduct virtually
no current. The terminals that conduct no current are sense
terminals that are used to measure the voltage drop across the
resistor (and, therefore, the current flowing through it) using an
amplifier such as the IA of the AD8451. To interface the IA with
the current sensor, connect the sense terminals of the sensor to
the ISVP and ISVN pins of the AD8451 (see Figure 50).
Optional Low-Pass Filter
The AD8451 is designed to control both linear regulators and
switching power converters. Linear regulators are generally
noise free, whereas switch mode power converters generate
switching noise. Connecting an external differential low-pass
filter between the current sensor and the IA inputs reduces the
injection of switching noise into the IA (see Figure 50).
ISVP
–
+
10kΩ
20kΩ
20kΩ
10kΩ
LPF
RGP
4 TERMINAL
SHUNT
–
+
DUT
ISVN
RGN
+
–
10kΩ
10kΩ
1667Ω
Figure 50. 4-Terminal Shunt Resistor Connected to the Current Sense IA
VOLTAGE SENSE DA CONNECTIONS
For a description of the DA, see the Theory of Operation
section, Figure 42, and Figure 45. The DA fixed gain is 0.8.
Reverse Battery Conditions
The output voltage of the AD8451 DA can be used to detect a
reverse battery connection. A −15 V rail for AVEE allows the
output of the DA to go below ground when the battery is
connected backward. Therefore, the condition can be detected
by monitoring the BVMEA pin for a negative voltage.
BATTERY CURRENT AND VOLTAGE CONTROL
INPUTS (ISET AND VSET)
The voltages at the ISET and VSET input pins set the target
battery current and voltage for the CC and CV loops. These
inputs must be driven by a precision voltage source (or a digital-
to-analog converter [DAC] connected to a precision reference)
whose output voltage is referenced to the same voltage as the IA
and DA reference pins (ISREFH/ISREFL and BVREFH/BVREFL,
respectively). For example, if the IA reference pins are connected
to AGND, the voltage source connected to ISET must also be
referenced to AGND. In the same way, if the DA reference pins
are connected to AGND, the voltage source connected to VSET
must also be referenced to AGND.
In constant current mode, when the CC feedback loop is in a
steady state, the ISET input sets the battery current as follows:
IBAT_SS =
S
IA
ISET
R
G
V
×
=
S
ISET
R
V
×
26
where:
GIA is the IA gain.
RS is the value of the shunt resistor.
Rev. 0 | Page 23 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com