Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8451ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8451ASTZ
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ Datasheet(HTML) 1 Page - Analog Devices

  AD8451ASTZ Datasheet HTML 1Page - Analog Devices AD8451ASTZ Datasheet HTML 2Page - Analog Devices AD8451ASTZ Datasheet HTML 3Page - Analog Devices AD8451ASTZ Datasheet HTML 4Page - Analog Devices AD8451ASTZ Datasheet HTML 5Page - Analog Devices AD8451ASTZ Datasheet HTML 6Page - Analog Devices AD8451ASTZ Datasheet HTML 7Page - Analog Devices AD8451ASTZ Datasheet HTML 8Page - Analog Devices AD8451ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Low Cost, Precision Analog Front End and
Controller for Battery Test/Formation Systems
Data Sheet
AD8451
FEATURES
Integrated constant current and voltage modes with
automatic switchover
Charge and discharge modes
Precision voltage and current measurement
Integrated precision control feedback blocks
Precision interface to PWM or linear power converters
Fixed gain settings
Current sense gain: 26 V/V (typ)
Voltage sense gain: 0.8 V/V (typ)
Excellent ac and dc performance
Maximum offset voltage drift: 0.9 µV/°C
Maximum gain drift: 3 ppm/°C
Low current sense amplifier input voltage noise: 9 nV/√Hz typ
Current sense CMRR: 108 dB min
TTL compliant logic
APPLICATIONS
Battery cell formation and testing
Battery module testing
GENERAL DESCRIPTION
The AD8451 is a precision analog front end and controller for
testing and monitoring battery cells. A precision fixed gain
instrumentation amplifier (IA) measures the battery charge/
discharge current, and a fixed gain difference amplifier (DA)
measures the battery voltage (see Figure 1). Internal laser
trimmed resistor networks set the gains for the IA and the DA,
optimizing the performance of the AD8451 over the rated
temperature range. The IA gain is 26 V/V and the DA gain is
0.8 V/V.
Voltages at the ISET and VSET inputs set the desired constant
current (CC) and constant voltage (CV) values. CC to CV
switching is automatic and transparent to the system.
A TTL logic level input, MODE, selects the charge or discharge
mode (high for charge, and low for discharge). An analog output,
VCTRL, interfaces directly with the Analog Devices, Inc.,
ADP1972 pulse-width modulation (PWM) controller.
The AD8451 simplifies designs by providing excellent accuracy,
performance over temperature, flexibility with functionality,
and overall reliability in a space-saving package. The AD8451 is
available in an 80-lead, 14 mm × 14 mm × 1.40 mm LQFP and
is rated for an operating temperature of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
CURRENT
SENSE IA
VOLTAGE
SENSE DA
ISMEA
ISET
BVMEA
VSET
VINT
MUX
ISVN
ISVP
BVN
BVP
VINT
VCTRL
×1
MODE
AD8451
IVE0/IVE1
VVE0/
VVE1
(CHARGE/
DISCHARGE)
SWITCHING
VVP0
VSETBF
VCLP
VCLN
BVREFH/
BVREFL
ISREFH/
ISREFL
VREF
0.8
VOLTAGE
REFERENCE
CONSTANT
VOLTAGE LOOP
FILTER
CONSTANT
CURRENT LOOP
FILTER
26
Figure 1.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD8451ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8451ASTZ AD-AD8451ASTZ Datasheet
911Kb / 32P
Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. 0
AD8451ASTZ-RL AD-AD8451ASTZ-RL Datasheet
911Kb / 32P
Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. 0
More results

Similar Description - AD8451ASTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8450 AD-AD8450 Datasheet
1Mb / 41P
Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. B
AD8451 AD-AD8451 Datasheet
911Kb / 32P
Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. 0
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
ADP1974 AD-ADP1974 Datasheet
416Kb / 19P
Bidirectional, Synchronous PWM Controller for Battery Test and Formation
9/15-Revision 0
logo
Texas Instruments
ADS131B26-Q1 TI-ADS131B26-Q1 Datasheet
614Kb / 7P
ADS131B26-Q1 Current, Voltage, and Temperature Measurement Automotive Analog Front-End for Battery Management Systems
SEPTEMBER 2022
ADS131B23 TI-ADS131B23 Datasheet
2Mb / 220P
ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems
DECEMBER 2022
ADS131B23 TI-ADS131B23_V01 Datasheet
3Mb / 222P
ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com