Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8451ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8451ASTZ
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8451ASTZ Datasheet HTML 15Page - Analog Devices AD8451ASTZ Datasheet HTML 16Page - Analog Devices AD8451ASTZ Datasheet HTML 17Page - Analog Devices AD8451ASTZ Datasheet HTML 18Page - Analog Devices AD8451ASTZ Datasheet HTML 19Page - Analog Devices AD8451ASTZ Datasheet HTML 20Page - Analog Devices AD8451ASTZ Datasheet HTML 21Page - Analog Devices AD8451ASTZ Datasheet HTML 22Page - Analog Devices AD8451ASTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD8451
Data Sheet
BATTERY
VCTRL
SENSE
RESISTOR
ISVP
ISVN
BVP
BVN
MODE
SWITCHES
(3)
BATTERY
CURRENT
AVEE
CV
BUFFER
CONSTANT
CURRENT LOOP
FILTER AMPLIFIER
–
+
–
+
1×
VINT
BUFFER
VSET
ISET
V1
V2
C
D C
D C
D
VINT
ISMEA
BVMEA
DA
–
+
–
+
IA
AD8451
CONTROLLER
1×
SET
BATTERY
VOLTAGE
SET
BATTERY
CURRENT
EXTERNAL
PASSIVE
COMPENSATION
NETWORK
C = CHARGE
D = DISCHARGE
CONSTANT
VOLTAGE LOOP
FILTER AMPLIFIER
POWER CONVERTER
SWITCHED OR LINEAR
SYSTEM LOOP COMPENSATION
Figure 43. Signal Path of an Li-Ion Battery Formation and Test System Using the AD8451
INSTRUMENTATION AMPLIFIER (IA)
Figure 44 is a block diagram of the IA, which is used to monitor the
battery current. The architecture of the IA is the classic 3-op-amp
topology, similar to the Analog Devices industry-standard
AD8221 and AD620, with a fixed gain of 26. This architecture
provides the highest achievable CMRR at a given gain, enabling
high-side battery current sensing without the introduction of
significant errors in the measurement. For more information
about instrumentation amplifiers, see A Designer's Guide to
Instrumentation Amplifiers.
Reversing Polarity When Charging and Discharging
Figure 43 shows that during the charge cycle, the power converter
feeds current into the battery, generating a positive voltage across
the current sense resistor. During the discharge cycle, the power
converter draws current from the battery, generating a negative
voltage across the sense resistor. In other words, the battery current
polarity reverses when the battery discharges.
In the CC control loop, this change in polarity can be problematic
if the polarity of the target current is not reversed. To solve this
problem, the AD8451 IA includes a multiplexer preceding its
inputs that inverts the polarity of the IA gain. This multiplexer
is controlled via the MODE pin. When the MODE pin is logic
high (charge mode), the IA gain is noninverting, and when the
MODE pin is logic low (discharge mode), the IA gain is
inverting.
10kΩ
20kΩ
806Ω
IA
RGP
RGN
ISVN
ISVP
+CURRENT
SHUNT
–CURRENT
SHUNT
ISMEA
–
+
G = 2 SUBTRACTOR
100kΩ
19.2kΩ
ISREFH
ISREFL
VREF
POLARITY
INVERTER
POLARITY
INVERTER
MODE
–
+
–
+
10kΩ
10kΩ
10kΩ
1667Ω
±
±
Figure 44. IA Simplified Block Diagram
IA Offset Option
As shown in Figure 44, the IA reference node is connected to
the ISREFL and ISREFH pins via an internal resistor divider.
This resistor divider can be used to introduce a temperature
insensitive offset to the output of the IA such that it always
reads a voltage higher than zero for a zero differential input.
Because the output voltage of the IA is always positive, a
unipolar analog-to-digital converter (ADC) can digitize it.
Rev. 0 | Page 18 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com