Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 35Page - Analog Devices ADAS1000BCPZ Datasheet HTML 36Page - Analog Devices ADAS1000BCPZ Datasheet HTML 37Page - Analog Devices ADAS1000BCPZ Datasheet HTML 38Page - Analog Devices ADAS1000BCPZ Datasheet HTML 39Page - Analog Devices ADAS1000BCPZ Datasheet HTML 40Page - Analog Devices ADAS1000BCPZ Datasheet HTML 41Page - Analog Devices ADAS1000BCPZ Datasheet HTML 42Page - Analog Devices ADAS1000BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
filtered, and synchronously demodulated in the digital domain;
the result is a digital signal that represents the total thoracic or
respiration impedance, including cable and electrode contri-
butions. While it is heavily low-pass filtered on-chip, the user is
required to further process it to extract the envelope and perform
the peak detection needed to establish breathing (or lack thereof).
Respiration measurement is available on one of the leads (Lead I,
Lead II, or Lead III) or on an external path via a pair of dedicated
pins (EXT_RESP_LA, EXT_RESP_RA, or EXT_RESP_LL).
Only one lead measurement can be made at one time. The
respiration measurement path is not suited for use as additional
ECG measurements because the internal configuration and
demodulation do not align with an ECG measurement; however,
the EXT_RESP_LA, EXT_RESP_RA, or EXT_RESP_LL paths
can be multiplexed into one of the ECG ADC paths, if required,
as discussed in the Extend Switch On Respiration Paths section.
The respiration signal processing path is not reconfigurable for
ECG measurements, as it is specifically designed for the respiration
signal measurement.
Table 12. Maximum Allowable Cable and Thoracic Loading
Cable Resistance
Cable Capacitance
R < 1 kΩ
C < 1200 pF
1 kΩ < R < 2.5 kΩ
C < 400 pF
2.5 kΩ < R < 5 kΩ
C < 200 pF
RTHORACIC < 2 kΩ
Internal Respiration Capacitors
The internal respiration function uses an internal RC network
(5 kΩ/100 pF), and this circuit is capable of 200 mΩ resolution
(with up to 5 kΩ total path and cable impedance). The current
is ac-coupled onto the same pins that the measurement is sensed
back on. Figure 69 shows the measurement on Lead I, but,
similarly, the measurement can be configured to measure on
either Lead II or Lead III. The internal capacitor mode requires
no external capacitors and produces currents of ~64 µA p-p
amplitude when configured for maximum amplitude setting
(±1V) through the RESPCTRL register (see Table 30).
External Respiration Path
The EXT_RESP_xx pins are provided for use either with the
ECG electrode cables or, alternatively, with a dedicated external
sensor independent of the ECG electrode path. Additionally, the
EXT_RESP_xx pins are provided so the user can measure the
respiration signal at the patient side of any input filtering on the
front end. In this case, the user must continue to take precautions
to protect the EXT_RESP_xx pins from any signals applied that
are in excess of the operating voltage range (for example, ESIS
or defibrillator signals).
Figure 69. Simplified Respiration Block Diagram
LA CABLE
ECG1_LA
EXT_RESP_LA
ECG2_LL
EXT_RESP_LL
ECG3_RA
EXT_RESP_RA
ADAS1000
OVERSAMPLED
5kΩ
5kΩ
100pF
100pF
RESPIRATION DAC
DRIVE +
±1V
±1V
CABLE AND ELECTRODE
IMPEDANCE < 5kΩ
LL CABLE
RA CABLE
FILTER
FILTER
FILTER
RESPIRATION
MEASURE
RESPIRATION DAC
DRIVE–
HPF
IN-AMP AND
ANTI-ALIASING
MAGNITUDE
AND
PHASE
SAR
ADC
46.5kHz TO
64kHz
46.5kHz TO
64kHz
LPF
fc=10kHz
fc=150kHz
7Hz
Rev. B | Page 39 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com