Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BCPZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADAS1000BCPZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 48Page - Analog Devices ADAS1000BCPZ Datasheet HTML 49Page - Analog Devices ADAS1000BCPZ Datasheet HTML 50Page - Analog Devices ADAS1000BCPZ Datasheet HTML 51Page - Analog Devices ADAS1000BCPZ Datasheet HTML 52Page - Analog Devices ADAS1000BCPZ Datasheet HTML 53Page - Analog Devices ADAS1000BCPZ Datasheet HTML 54Page - Analog Devices ADAS1000BCPZ Datasheet HTML 55Page - Analog Devices ADAS1000BCPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Internal operations are synchronized to the internal master
clock at either 2.048 MHz or 1.024 MHz (ECGCTL[3]: HP = 1
and HP = 0, respectively, see Table 28). Because there is no
guaranteed relationship between the internal clock and the
SCLK signal of the SPI, an internal handshaking scheme is used
to ensure safe data transfer between the two clock domains. A
full handshake requires three internal clock cycles and imposes
an upper speed limit on the SCLK frequency when reading
frames with small word counts. This is true for all data frame
rates.
SCLK (max) = (1.024 MHz × (1 + HP) × words_per_frame
× bits_per_word)/3; or 40 MHz, whichever is lower.
Exceeding the maximum SCLK frequency for a particular
operating mode causes erratic behavior in the DRDY signal
and results in the loss of data.
Data Rate and Skip Mode
Although the standard frame rates available are 2 kHz, 16 kHz,
and 128 kHz, there is also a provision to skip frames to further
reduce the data rate. This can be configured in the frame
control register (see Table 37).
Data Ready (DRDY)
The DRDY pin is used to indicate that a frame composed of
decimated data at the selected data rate is available to read. It is
high when busy and low when ready. Send commands only when
the status of DRDY is low or ready. During power-on, the status
of DRDY is high (busy) while the device initializes itself. When
initialization is complete, DRDY goes low and the user can start
configuring the device for operation. When the device is config-
ured and enabled for conversions by writing to the conversion bit
(CNVEN) in the ECGCTL register, the ADCs start to convert
and the digital interface starts to make data available, loading
them into the buffer when ready. If conversions are enabled
and the buffer is empty, the device is not ready and DRDY goes
high. Once the buffer is full, DRDY goes low to indicate that
data is ready to be read out of the device. If the device is not
enabled for conversions, the DRDY ignores the state of the
buffer full status.
When reading packets of data, the entire data packet must be
read; otherwise, DRDY stays low.
There are three methods of detecting DRDY status.
•
DRDY pin. This is an output pin from the ADAS1000/
ADAS1000-1/ADAS1000-2 that indicates the device read
or busy status. No data is valid while this pin is high.
The DRDY signals that data is ready to be read by driving
low and remaining low until the entire frame has been
read. It is cleared when the last bit of the last word in the
frame is clocked onto SDO. The use of this pin is optional.
•
SDO pin. The user can monitor the voltage level of the
SDO pin by bringing CS low. If SDO is low, data is ready;
if high, busy. This does not require clocking the SCLK
input. (CPHA = CPOL = 1 only).
•
One of the first bits of valid data in the header word
available on SDO is a data ready status bit (see Table 43).
Within the configuration of the ADAS1000/ADAS1000-1/
ADAS1000-2, the user can set the header to repeat until
the data is ready. See Bit 6 (RDYRPT) in the frame control
register in Table 37.
The host controller must read the entire frame to ensure DRDY
returns low and ready. If the host controller treats the DRDY as
an edge triggered signal and then misses a frame or underruns,
the DRDY remains high because there is still data available to
read. The host controller must treat the DRDY signal as level
triggered, ensuring that whenever it goes low, it generates an
interrupt which can initiate a SPI frame transfer. On completion
of the transfer the DRDY returns high.
Detecting Missed Conversion Data
To ensure that the current data is valid, the entire frame must
be read at the selected data rate. If a read of the entire frame
takes longer than the selected data rate allows, the internal
buffer is not loaded with the latest conversion data. The frame
header register (see Table 54) provides four settings to indicate
an overflow of frame data. The settings of Bits[29:28] report
how many frames have been missed since the last valid frame
read. A missed frame may occur as a result of the last read
taking too long. The data in the current frame is valid data, but
it is not the current data. It is the calculation made directly after
the last valid read.
To clear such an overflow, the user must read the entire frame.
Rev. B | Page 52 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com