Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL8T040 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL8T040
Description  Super-luminosity/High-luminosity Numeric LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL8T040 Datasheet(HTML) 1 Page - Sharp Corporation

  GL8T040 Datasheet HTML 1Page - Sharp Corporation GL8T040 Datasheet HTML 2Page - Sharp Corporation GL8T040 Datasheet HTML 3Page - Sharp Corporation GL8T040 Datasheet HTML 4Page - Sharp Corporation GL8T040 Datasheet HTML 5Page - Sharp Corporation GL8T040 Datasheet HTML 6Page - Sharp Corporation GL8T040 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Super-luminosity/High-luminosity Numeric LED
140
→
→
→
→
Digit
Substrate
Type
Type
Type of display
Outline dimensions
Model No.
Luminous intensity
(mcd)
TYP.
Model No.
Luminous intensity
(mcd)
TYP.
Page
Figure
Character
height
(mm)
U (Red)
T (Red)
8.0
10.16
14.12
20.32
25.4
38.1
76.0
10.16
8.0
7.6
10
9
8
6
4
3
1
12
19
21
A
K
A
K
A
K
A
K
A
K
A
K
A
K
A
K
A
K
A
K
GL9U100
GL8U100
GL9U15
GL8U15
GL9U30
GL8U30
35.0
35.0
27.0
27.0
(120)*
(120)*
GL9T030
GL8T030
GL9T040
GL8T040
GL9T156
GL8T156
GL9T08
GL8T08
GL9T100
GL8T100
GL7T201
GL6T201
GL3T422
GL3T421
GL3T508D
GL3T507D
4.0
4.0
4.25
4.25
5.25
5.25
2.2
2.2
9.5
9.5
4.25
4.25
1.5
1.5
1.5
1.5
*1 A: Anode common K: Cathode common * Production after order confirmation
* As for current conditions, refer to IF in electro-optical characteristics
(Ta=25˚C)
s Super-luminosity/High-luminosity Numeric LED Figures shown below are values per segment.
Character height
(mm)
Forward current
IF
(mA)
Peak forward current
IFM
*1
(mA)
Derating factor
(mA/ ˚C)
Reverse voltage
VR
(V)
Operating temperature
Topr.
(˚C)
Storage temperature
Tstg.
(˚C)
Radiation
color
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 U type duty ratio=1/16, pulse width=0.1ms
8.0/10.16/14.12/20.32
25.4, 38.1, 76.0
25.4, 38.1
T
U
T
20
20
20
100
150
*2
100
0.36
0.36
0.36
5
6
5
-30 to +70
-30 to +70
-30 to +70
-40 to +80
-40 to +80
-40 to +80
1.82
2.73
1.82
DC
Pulse
(Ta=25˚C)
s Absolute Maximum Ratings Figures shown below are values per segment.
Character height
(mm)
Forward current
VF
Peak emission wavelength
λp(nm)
TYP.
Radiation
color
8.0/10.16/14.12/20.32
25.4, 38.1, 76.0
25.4, 38.1
T
U
T
1.7
3.5
3.4
2.2
4.8
4.4
660
660
660
Spectrum radiation bandwidth
∆λ(nm)
TYP.
IF
(mA)
20
20
20
10
10
10
Reverse current
IR(
µA)
MAX.
VR
(V)
10
100
10
4
5
4
TYP.
MAX
(Ta=25˚C)
s Electro-optical Characteristics Figures shown below are values per segment.


Similar Part No. - GL8T040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL8TR21 ETC1-GL8TR21 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
logo
Sharp Corporation
GL8TR42 SHARP-GL8TR42 Datasheet
41Kb / 2P
2.0 X 3.9mm, Rectangle Type, Colored Diffusion, High-luminosity LED Lamp for Indicator
logo
List of Unclassifed Man...
GL8TR42 ETC1-GL8TR42 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL8T040

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
Super-luminosity/High-luminosity Numeric LED
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
Super-luminosity LED Lamp/High-luminosity LED Lamp
LMFLSP100 ETC-LMFLSP100 Datasheet
312Kb / 10P
Super Luminosity White LED
GL5FG43 ETC1-GL5FG43 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
logo
Everlight Electronics C...
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
Luminosity Full Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
Luminosity white Color LED
08-04-2004
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
Luminosity Full Color LED
EAPL5050RGBA1 EVERLIGHT-EAPL5050RGBA1 Datasheet
453Kb / 13P
Super-luminosity chip LED.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com