Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL8T040 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL8T040
Description  Super-luminosity/High-luminosity Numeric LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL8T040 Datasheet(HTML) 3 Page - Sharp Corporation

  GL8T040 Datasheet HTML 1Page - Sharp Corporation GL8T040 Datasheet HTML 2Page - Sharp Corporation GL8T040 Datasheet HTML 3Page - Sharp Corporation GL8T040 Datasheet HTML 4Page - Sharp Corporation GL8T040 Datasheet HTML 5Page - Sharp Corporation GL8T040 Datasheet HTML 6Page - Sharp Corporation GL8T040 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Numeric LED Characteristics Diagrams
144
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
* In case of 25.4/38.1/76.0mm: value per 1segment 1chip
P series
U series
Mold type
Substrate type
0
5
10
15
20
25
30
35
-20
0
20
40
60
100
80
Substrate type
Mold type
0
10
20
30
40
50
60
70
-20
0
20
40
60
100
80
(Duty ratio1/10)
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(Ta=25˚C)
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
(Ta=25˚C)
(1F=5mA/seg)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
(Ta=25˚C)
0
5
10
15
20
25
30
35
-20
0
20
40
60
100
80
0
50
100
150
-20
0
20
40
60
100
80
(Duty ratio1/10)
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
12
5
10
20
50
(Ta=25˚C)
(1F=20mA)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
150
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
(Ta=25˚C)
0.5
2
1
3
5
10
20
50
100
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
(Ta=25˚C)
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
Forward Current Derating Curve
Forward Current vs. Forward Voltage*
Luminous Intensity vs. Ambient Temperature
Ambient temperature Ta(˚C)
Forward voltage VF(V/seg)
Ambient temperature Ta(˚C)
Peak Forward Current Derating Curve
Luminous Intensity vs. Forward Current
Duty Ratio vs. Peak Forward Current
Ambient temperature Ta(˚C)
Forward current IF(mA/seg)
Duty ratio DR
Mold type
Substrate type
Forward Current Derating Curve
Forward Current vs. Forward Voltage*
Luminous Intensity vs. Ambient Temperature
Ambient temperature Ta(˚C)
Forward voltage VF(V/seg)
Ambient temperature Ta(˚C)
Peak Forward Current Derating Curve
Luminous Intensity vs. Forward Current
Duty Ratio vs. Peak Forward Current
Ambient temperature Ta(˚C)
Forward current IF(mA/seg)
Duty ratio DR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com