Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCPS-6-3 Datasheet(PDF) 1 Page - Mini-Circuits

Part # JCPS-6-3
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JCPS-6-3 Datasheet(HTML) 1 Page - Mini-Circuits

  JCPS-6-3 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 7.8 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
Typ. Min.
Typ. Max.
Max.
Max.
75-425
23
18
0.9
1.8
9
0.7
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
A
B
C
D
E
F
G
.870
.800
--
.100
.250
.100
.100
22.10
20.32
--
2.54
6.35
2.54
2.54
H
J
K
L
wt
.047
.065
.065
.890
grams
1.19
1.65
1.65
22.61
4.0
Typical Performance Data
Electrical Specifications
Maximum Ratings
Pin Connections
SUM PORT
11
PORT 1
1
PORT 2
2
PORT 3
3
PORT 4
5
PORT 5
6
PORT 6
7
GROUND
4,8,9,10,12,13,14
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
0.25W max.
Internal Dissipation
0.5W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
JCPS-6-3
electrical schematic
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
6 Way-0°
50Ω
75 to 425 MHz
Power Splitter/Combiner
REV. F
M151107
JCPS-6-3
HY/TD/CP
150818
Surface Mount
Features
• wideband, 75 to 425 MHz
• good isolation, 23 dB typ.
• excellent amplitude unbalance, 0.1 dB typ.
• good phase unbalance, 2 deg. typ.
• excellent insertion loss flatness, 0.15 dB typ.
• aqueous washable, shielded metal case
• J-leads for good solderability & strain relief
Applications
• VHF receivers
• instrumentation
JCPS-6-3
TOTAL LOSS
8.5
8.6
8.7
8.8
8.9
9.0
75
145
215
285
355
425
FREQUENCY (MHz)
S-1(dB)
S-3(dB)
S-5(dB)
JCPS-6-3
ISOLATION
10
18
26
34
42
50
75
145
215
285
355
425
FREQUENCY (MHz)
1-2(dB)
1-3(dB)
1-6(dB)
JCPS-6-3
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
75
145
215
285
355
425
FREQUENCY (MHz)
#S VSWR
#1 VSWR
#3 VSWR
CASE STYLE: BG291
Demo Board MCL P/N: TB-234
Suggested PCB Layout (PL-139)
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
3
S-1
S-3
S-5
1-2
1-3
1-6
75.00
8.67
8.67
8.67
0.01
24.41
25.17
34.51
0.37
1.34
1.27
1.25
85.00
8.66
8.65
8.65
0.02
24.29
25.15
34.60
0.29
1.33
1.25
1.24
100.00
8.66
8.67
8.65
0.02
24.08
25.07
34.55
0.59
1.31
1.23
1.21
130.00
8.66
8.66
8.67
0.01
23.50
24.70
34.21
0.59
1.29
1.20
1.18
160.00
8.68
8.68
8.67
0.02
22.96
24.31
33.71
0.70
1.28
1.17
1.14
190.00
8.67
8.66
8.65
0.03
22.62
24.11
33.11
0.66
1.26
1.15
1.11
220.00
8.67
8.69
8.69
0.02
22.48
24.13
32.74
0.89
1.23
1.12
1.08
250.00
8.68
8.66
8.67
0.05
22.58
24.42
32.52
1.02
1.19
1.10
1.05
280.00
8.66
8.65
8.68
0.05
22.92
25.03
32.54
1.11
1.14
1.07
1.03
310.00
8.65
8.64
8.66
0.07
23.48
26.00
32.75
1.22
1.07
1.05
1.00
340.00
8.65
8.62
8.69
0.09
24.14
27.44
33.15
1.34
1.02
1.04
1.02
360.00
8.67
8.63
8.70
0.11
24.54
28.59
33.30
1.47
1.09
1.04
1.04
380.00
8.69
8.67
8.74
0.11
24.74
29.57
33.39
1.45
1.17
1.05
1.05
410.00
8.78
8.75
8.84
0.11
24.24
29.38
33.18
1.58
1.33
1.07
1.08
425.00
8.86
8.82
8.91
0.12
23.57
28.23
32.80
1.63
1.43
1.09
1.09
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 7.8dB splitter loss.


Similar Part No. - JCPS-6-3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JCPS-8-10 MINI-JCPS-8-10 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
JCPS-8-10-75 MINI-JCPS-8-10-75 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
JCPS-8-10-75L MINI-JCPS-8-10-75L Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
JCPS-8-10-75M MINI-JCPS-8-10-75M Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
JCPS-8-10-75U MINI-JCPS-8-10-75U Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
More results

Similar Description - JCPS-6-3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com